Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN3P2F Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # EN3P2F
Description  EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN3P2F Datasheet(HTML) 2 Page - Switchcraft, Inc.

  EN3P2F Datasheet HTML 1Page - Switchcraft, Inc. EN3P2F Datasheet HTML 2Page - Switchcraft, Inc. EN3P2F Datasheet HTML 3Page - Switchcraft, Inc. EN3P2F Datasheet HTML 4Page - Switchcraft, Inc. EN3P2F Datasheet HTML 5Page - Switchcraft, Inc. EN3P2F Datasheet HTML 6Page - Switchcraft, Inc. EN3P2F Datasheet HTML 7Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
EN3™ PANEL MOUNT CONNECTOR
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
3/16"
(4.76)
31/64"
(12.30)
Panel Connector Contact Arrangements – Shown from front of connector
* 7 and 8 pin not available in
panel female
21
31
4
1
5
1
2
21
31
2
32
4
2
3
51
42
3
7
1
3
6
4
5
6
8
2
7
1
3
6
4
5
2
3
2
3
2
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com