Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997 Datasheet (PDF) - STMicroelectronics

L6997 Datasheet PDF - STMicroelectronics
Part # L6997
Download  L6997 Download
File Size   291.04 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS

L6997 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6997 Datasheet PDF - STMicroelectronics

Part # L6997
Download  L6997 Click to download

File Size   291.04 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS

L6997 Datasheet (HTML) - STMicroelectronics


L6997 Product details

DESCRIPTION
The device is a high efficient solution for networking dc/dc modules and mobile application compatible with 3.3V bus and 5V bus.
Its able to regulate an output voltage as low as 0.6V. The constant on time topology assures fast load transient response. The embedded voltage feed-forward provides nearly constant switching frequency operation.

FEATURES
■ FROM 3V TO 5.5V VCC RANGE.
■ MINIMUM OUTPUT VOLTAGE AS LOW AS 0.6V.
■ 1V TO 28V INPUT VOLTAGE RANGE.
■ CONSTANT ON TIME TOPOLOGY ALLOWS. OPERATION WITH VERYLOW AND HIGH DUTY CYCLES.
■ VERY FAST LOAD TRANSIENTS.
■ 0.6V, ±1% VREF.
■ SELECTABLE SINKING MODE.
■ LOSSLESS CURRENT LIMIT, AVAILABLE ALSO IN SINKING MODE
■ REMOTE SENSING.
■ OVP,UVP LATCHED PROTECTIONS.
■ 600µA TYP QUIESCENT CURRENT.
■ POWER GOOD AND OVP SIGNALS.
■ PULSE SKIPPING AT LIGTH LOADS.
■ 94% EFFICIENCY FROM 3.3V TO 2.5V.

APPLICATIONS
■ NETWORKING.
■ DC/DC MODULES.
■ DISTRIBUTED POWER.
■ MOBILE APPLICATIONS.
■ CHIP SET, CPU, DSP AND MEMORIES SUPPLY.




Similar Part No. - L6997

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
L6997STR STMICROELECTRONICS-L6997STR Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
More results


Similar Description - L6997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1637 MAXIM-MAX1637 Datasheet
211Kb / 20P
Miniature, Low-Voltage, Precision Step-Down Controller
19-1321; Rev 1; 2/98
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
logo
Texas Instruments
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
Single Synchronous Step-down Controller for Low Voltage Power Rails
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
Single Synchronous Step-down Controller for Low Voltage Power Rails
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com