Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6997
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6997 Datasheet HTML 2Page - STMicroelectronics L6997 Datasheet HTML 3Page - STMicroelectronics L6997 Datasheet HTML 4Page - STMicroelectronics L6997 Datasheet HTML 5Page - STMicroelectronics L6997 Datasheet HTML 6Page - STMicroelectronics L6997 Datasheet HTML 7Page - STMicroelectronics L6997 Datasheet HTML 8Page - STMicroelectronics L6997 Datasheet HTML 9Page - STMicroelectronics L6997 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
L6997
6/23
1
DEVICE DESCRIPTION
1.1 Constant On Time PWM topology
Figure 2. Loop block schematic diagram
The device implements a Constant On Time control scheme, where the Ton is the high side MOSFET on time
duration forced by the one-shot generator. The on time is directly proportional to VSENSE pin voltage and in-
verse to OSC pin voltage as in Eq1:
Eq 1
where KOSC = 250ns and τ is the internal propagation delay time (typ. 70ns). The system imposes in steady
state a minimum on time corresponding to VOSC = 1V. In fact if the VOSC voltage increases above 1V the cor-
responding Ton will not decrease. Connecting the OSC pin to a voltage partition from VIN to GND, it allows a
steady-state switching frequency FSW independent of VIN. It results:
Eq 2
where
Eq 3
Eq 4
The above equations allow setting the frequency divider ratio
αOSC once output voltage has been set; note that
such equations hold only if VOSC<1V. Further the Eq2 shows how the system has a switching frequency ideally
independent from the input voltage. The delay introduces a light dependence from VIN. A minimum off-time con-
strain of about 500ns is introduced in order to assure the boot capacitor charge and to limit the switching fre-
Q
Vsense
R3
R4
R2
R1
R
S
Vout
Vin
HGATE
LGATE
Q
OSC
FB
Vref
HS
LS
DS
PWM comparator
FFSR
One-shot generator
-
+
T
ON
K
OSC
V
SENSE
V
OSC
----------------------
τ
+
=
f
SW
V
OUT
V
IN
---------------
1
T
ON
-----------
α
OSC
α
OUT
---------------
1
K
OSC
---------------
α
OSC
→
f
SW KOSC αOUT
==
=
α
OSC
V
OS C
V
IN
---------------
R
2
R
2
R
1
+
--------------------
==
α
OUT
V
FB
V
OUT
---------------
R
4
R
3
R
4
+
--------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com