Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6997
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6997 Datasheet HTML 13Page - STMicroelectronics L6997 Datasheet HTML 14Page - STMicroelectronics L6997 Datasheet HTML 15Page - STMicroelectronics L6997 Datasheet HTML 16Page - STMicroelectronics L6997 Datasheet HTML 17Page - STMicroelectronics L6997 Datasheet HTML 18Page - STMicroelectronics L6997 Datasheet HTML 19Page - STMicroelectronics L6997 Datasheet HTML 20Page - STMicroelectronics L6997 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
L6997
With our parameters:
Lmin
≥ 2µH
The saturation current is around 5A
3.3 Output capacitor and ripple voltage
The output capacitor is chosen by the output voltage static precision and also dynamic precision. The static pre-
cision regards the output voltage ripple value rated the output voltage in steady state at the end the ESR value;
while the dynamic precision regards the load step positive and negative load transient.
If the static precision is around ±1% for the 1.25V output voltage, the output precision is ±12.5mV.
To determine the ESR value from the output precision is necessary to calculate the ripple current:
Eq 21
One can consider a switching frequency around 270kHz.
From the Eq. above the ripple current is around 1.25A.
So the ESR is given from: RMS current in output capacitor is given by:
Eq 22
The dynamic specifications are sometimes more relaxed than the static requirements, so one can consider the
ESR value around 20m
Ω enough.
To allow the device control loop to properly work, output capacitor ESR zero must be at least ten times smaller
than switching frequency. Low ESR tantalum capacitors, which ESR zero is close to ten kHz, are suitable for
output filtering. Output capacitor value COUT and its ESR, ESRCOUT, should be large enough and small enough,
respectively, to keep output voltage within the accuracy range during a load transient, and to give the device a
minimum signal to noise ratio.
The current ripple flows through the output capacitors, so the should be calculated also to sustain this ripple:
the RMS current value is given by Eq. 18.
Eq 23
But this is usually a negligible constrain.
Possible solutions:
3.4 MOSFET’s and Schottky Diodes
Since a 3.3V bus powers the gate drivers of the device, the use ultra low level MOSFET is highly recommended,
especially for high current applications. The MOSFET breakdown voltage VBRDSS must be greater than VINMAX
with a certain margin, so the selection will address 20V or 30V devices (depends on applications).
The RDSON can be selected once the allowable power dissipation has been established. By selecting identical
Power MOSFET as the main switch and the synchronous rectifier, the total power they dissipate does not de-
pend on the duty cycle. Thus, if PON is this power loss (few percent of the rated output power), the required
RDSON (@ 25 °C) can be derived from:
330
µF
EEFUE0D331R
PANASONIC
220
µF
2R5TPE220M
POSCAP
I
∆
Vi n
Vo
–
L
-----------------------
Vo
Vin
--------- T
sw
⋅⋅
=
ESR
V
ripp le
∆
I
∆
2
-----
---------------------
25m V
1.25
----------------
=
20m
Ω
==
Icout
rms
1
23
----------- I
L
∆
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com