Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1637 Datasheet (PDF) - Maxim Integrated Products

MAX1637 Datasheet PDF - Maxim Integrated Products
Part # MAX1637
Download  MAX1637 Download
File Size   211.87 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Miniature, Low-Voltage, Precision Step-Down Controller

MAX1637 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1637 Datasheet PDF - Maxim Integrated Products

Part # MAX1637
Download  MAX1637 Click to download

File Size   211.87 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Miniature, Low-Voltage, Precision Step-Down Controller

MAX1637 Datasheet (HTML) - Maxim Integrated Products


MAX1637 Product details

General Description
The MAX1637 synchronous, buck, switch-mode power supply controller generates the CPU supply voltage in battery-powered systems. The MAX1637 is a stripped down version of the MAX1636 in a smaller 16-pin QSOP package. The MAX1637 is intended to be powered separately from the battery by an external bias supply (typically the +5V system supply) in applications where the battery exceeds 5.5V.

Features
♦ ±2% DC Accuracy
♦ 0.1% (typ) DC Load Regulation
♦ Adjustable Switching Frequency to 350kHz
♦ Idle Mode™ Pulse-Skipping Operation
♦ 1.10V to 5.5V Adjustable Output Voltage
♦ 3.15V Minimum IC Supply Voltage (at VCC pin)
♦ Internal Digital Soft-Start
♦ 1.1V ±2% Reference Output
♦ 1μA Total Shutdown Current
♦ Output Overvoltage Crowbar Protection
♦ Output Undervoltage Shutdown (foldback)
♦ Tiny 16-Pin QSOP Package

Applications
   Notebook Computers
   Subnotebook Computers
   Handy-Terminals, PDAs




Similar Part No. - MAX1637

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX163-MAX167 MAXIM-MAX163-MAX167 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
More results


Similar Description - MAX1637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997 STMICROELECTRONICS-L6997 Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
logo
Maxim Integrated Produc...
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX20012B MAXIM-MAX20012B Datasheet
1Mb / 27P
Automotive Low-Voltage 2-Channel Step-Down Controller
Rev 8; 8/19
MAX20412 MAXIM-MAX20412 Datasheet
1Mb / 29P
Automotive Low-Voltage, 2-Channel Step-Down Controller
Rev 4; 2/20
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com