Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1636 Datasheet (PDF) - Maxim Integrated Products

MAX1636 Datasheet PDF - Maxim Integrated Products
Part # MAX1636
Download  MAX1636 Download
File Size   219.46 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Precision Step-Down Controller for Portable CPU Power

MAX1636 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1636 Datasheet PDF - Maxim Integrated Products

Part # MAX1636
Download  MAX1636 Click to download

File Size   219.46 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Precision Step-Down Controller for Portable CPU Power

MAX1636 Datasheet (HTML) - Maxim Integrated Products


MAX1636 Product details

General Description
The MAX1636 is a synchronous, buck, switch-mode, power-supply controller that generates the CPU supply voltage in battery-powered systems. It achieves ±1% output voltage accuracy and offers the excellent load transient response needed by upcoming generations of dynamic-clock CPUs.

Features
♦ ±1% DC Accuracy (Adjustable Mode)
♦ Output Overvoltage Crowbar Protection
♦ Output Undervoltage Shutdown
♦ Adjustable Switching Frequency to 340kHz
♦ Low-Dropout Operation
♦ Idle Mode Pulse-Skipping Operation
♦ 1.10V to 5.5V Adjustable Output Voltage
♦ 2.5V/3.3V Dual-Mode Fixed-Output Settings
♦ Internal Digital Soft-Start
♦ 1.1V ±1% Reference Output
♦ 3μA (typ) Shutdown Current
♦ Open-Drain Power-Good Output (RESET)
♦ 20-Pin SSOP Package

Applications
    Notebook Computers
    Subnotebook Computers
    Desktop Computers
    Bus-Termination Supplies




Similar Part No. - MAX1636

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX163-MAX167 MAXIM-MAX163-MAX167 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
More results


Similar Description - MAX1636

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997 STMICROELECTRONICS-L6997 Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
logo
Maxim Integrated Produc...
MAX1637 MAXIM-MAX1637 Datasheet
211Kb / 20P
Miniature, Low-Voltage, Precision Step-Down Controller
19-1321; Rev 1; 2/98
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Texas Instruments
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
Single Synchronous Step-down Controller for Low Voltage Power Rails
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com