Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797H Datasheet (PDF) - Maxim Integrated Products

MAX797H Datasheet PDF - Maxim Integrated Products
Part # MAX797H
Download  MAX797H Download
File Size   59.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power

MAX797H Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX797H Datasheet PDF - Maxim Integrated Products

Part # MAX797H
Download  MAX797H Click to download

File Size   59.88 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power

MAX797H Datasheet (HTML) - Maxim Integrated Products


MAX797H Product details

General Description

The MAX797H high-performance, step-down DC-DC converter provides main CPU power in battery-powered systems. A 40V rating on the power stage’s input allows operation with high-cell-count batteries and a wide range of AC adaptors. This buck controller achieves 96% efficiency by using synchronous rectification and Maxim’s proprietary IdleMode™ control scheme to extend battery life at full-load (up to 10A) and no-load outputs. Excellent dynamic response corrects output tran sients caused by the latest dynamic-clock CPUs within five 300kHz clock cycles. Unique bootstrap circuitry drives inexpensive N-channel MOSFETs, reducing system cost



Features

♦96% Efficiency

♦Up to 40V Power Input

♦2.5V to 6V Adjustable Output

♦Preset 3.3V and 5V Outputs (at up to 10A)

♦5V Linear-Regulator Output

♦Precision 2.505V Reference Output

♦Automatic Bootstrap Circuit

♦150kHz/300kHz Fixed-Frequency PWM Operation

♦Programmable Soft-Start

♦375µA Quiescent Current (VIN = 12V, VOUT= 5V)

♦1µA Shutdown Current




Similar Part No. - MAX797H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797 MAXIM-MAX797 Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797 MAXIM-MAX797 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D MAXIM-MAX797C/D Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797C/D MAXIM-MAX797C/D Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D+ MAXIM-MAX797C/D+ Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results


Similar Description - MAX797H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com