Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797 Datasheet (PDF) - Maxim Integrated Products

MAX797 Datasheet PDF - Maxim Integrated Products
Part # MAX797
Download  MAX797 Download
File Size   319.67 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Down Controllers with Synchronous Rectifier for CPU Power

MAX797 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX797 Datasheet PDF - Maxim Integrated Products

Part # MAX797
Download  MAX797 Click to download

File Size   319.67 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Down Controllers with Synchronous Rectifier for CPU Power

MAX797 Datasheet (HTML) - Maxim Integrated Products


MAX797 Product details

General Description

The MAX796/MAX797/MAX799 high-performance, step down DC-DC converters with single or dual outputs
provide main CPU power in battery-powered systems. These buck controllers achieve 96% efficiency by using
synchronous rectification and Maxim’s proprietary Idle Mode™ control scheme to extend battery life at full-load
(up to 10A) and no-load outputs.



Features

♦ 96% Efficiency

♦ 4.5V to 30V Input Range

♦ 2.5V to 6V Adjustable Output

♦ Preset 3.3V and 5V Outputs (at up to 10A)

♦ Multiple Regulated Outputs

♦ +5V Linear-Regulator Output

♦ Precision 2.505V Reference Output

♦ Automatic Bootstrap Circuit

♦ 150kHz/300kHz Fixed-Frequency PWM Operation

♦ Programmable Soft-Start

♦ 375μA Typ Quiescent Current (VIN = 12V, VOUT= 5V)

♦ 1μA Typ Shutdown Current



Applications

    Notebook and Subnotebook Computers

    PDAs and Mobile Communicators

    Cellular Phones




Similar Part No. - MAX797

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797 MAXIM-MAX797 Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX797 MAXIM-MAX797 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D MAXIM-MAX797C/D Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D+ MAXIM-MAX797C/D+ Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797CPE MAXIM-MAX797CPE Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results


Similar Description - MAX797

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1874 TI-UC1874 Datasheet
350Kb / 10P
High Efficiency, Synchronous, Step-down Buck Controllers
logo
Maxim Integrated Produc...
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Maxim Integrated Produc...
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com