Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1624 Datasheet (PDF) - Maxim Integrated Products

MAX1624 Datasheet PDF - Maxim Integrated Products
Part # MAX1624
Download  MAX1624 Download
File Size   223.94 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power

MAX1624 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1624 Datasheet PDF - Maxim Integrated Products

Part # MAX1624
Download  MAX1624 Click to download

File Size   223.94 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power

MAX1624 Datasheet (HTML) - Maxim Integrated Products


MAX1624 Product details

General Description
The MAX1624/MAX1625 are ultra-high-performance, step-down DC-DC controllers for CPU power in high-end computer systems. Designed for demanding applications in which output voltage precision and good transient response are critical for proper operation, they deliver over 35A from 1.1V to 3.5V with ±1% total accuracy from a +5V ±10% supply. Excellent dynamic response corrects output transients caused by the latest dynamically clocked CPUs. These controllers achieve over 90% efficiency by using synchronous rectification. Flying-capacitor bootstrap circuitry drives inexpensive, external N-channel MOSFETs.

Features
♦ Better than ±1% Output Accuracy Over Line and Load
♦ 90% Efficiency
♦ Excellent Transient Response
♦ Resistor-Programmable Fixed Switching Frequency from 100kHz to 1MHz
♦ Over 35A Output Current
♦ Digitally Programmable Output from 1.1V to 3.5V in 100mV Increments (MAX1624)
♦ Resistor-Adjustable Output down to 1.1V (MAX1625)
♦ Remote Sensing
♦ Adjustable AC Loop Gain (MAX1624)
♦ GlitchCatcher™ Circuit for Fast Load-Transient Response (MAX1624)
♦ Power-Good (PWROK) Output
♦ Current-Mode Feedback
♦ Digital Soft-Start
♦ Strong 2A Gate Drivers
♦ Current-Limited Output

Applications
    Pentium Pro™, Pentium II™, PowerPC™, Alpha™, and K6™ Systems
    Desktop Computers
    LAN Servers
    Industrial Computers
    GTL Bus Termination




Similar Part No. - MAX1624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620-MAX1621 MAXIM-MAX1620-MAX1621 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620EEE MAXIM-MAX1620EEE Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
More results


Similar Description - MAX1624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
logo
Maxim Integrated Produc...
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX1716 MAXIM-MAX1716 Datasheet
840Kb / 33P
High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
19-1758; Rev 0; 8/00
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
logo
STMicroelectronics
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
logo
Maxim Integrated Produc...
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com