Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8H100DEE Datasheet (PDF) - STMicroelectronics

STPS8H100DEE Datasheet PDF - STMicroelectronics
Part # STPS8H100DEE
Download  STPS8H100DEE Download
File Size   385.25 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 8 A power Schottky rectifier

STPS8H100DEE Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS8H100DEE Datasheet PDF - STMicroelectronics

Part # STPS8H100DEE
Download  STPS8H100DEE Click to download

File Size   385.25 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 8 A power Schottky rectifier

STPS8H100DEE Datasheet (HTML) - STMicroelectronics


STPS8H100DEE Product details

Features
• Very low conduction losses
• Negligible switching losses
• Extremely fast switching
• Low thermal resistance
• Avalanche capacity specified
• High junction temperature capability
• ECOPACK2 compliant




Similar Part No. - STPS8H100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
High voltage power Schottky rectifier
09-Sep-2012
More results


Similar Description - STPS8H100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com