Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8H100DEE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8H100DEE
Description  100 V, 8 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100DEE Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8H100DEE Datasheet HTML 1Page - STMicroelectronics STPS8H100DEE Datasheet HTML 2Page - STMicroelectronics STPS8H100DEE Datasheet HTML 3Page - STMicroelectronics STPS8H100DEE Datasheet HTML 4Page - STMicroelectronics STPS8H100DEE Datasheet HTML 5Page - STMicroelectronics STPS8H100DEE Datasheet HTML 6Page - STMicroelectronics STPS8H100DEE Datasheet HTML 7Page - STMicroelectronics STPS8H100DEE Datasheet HTML 8Page - STMicroelectronics STPS8H100DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Very low conduction losses
•
Negligible switching losses
•
Extremely fast switching
•
Low thermal resistance
•
Avalanche capacity specified
•
High junction temperature capability
•
ECOPACK2 compliant
Description
This Schottky rectifier is designed for switch mode power supply and high frequency
DC to DC converters.
Packaged in PowerFLAT, this device is intended for use in low voltage,
high frequency, inverters, free-wheeling, by-pass diode and polarity protection
applications. Its low profile was especially designed to be used in applications with
space-saving constraints.
Product status link
STPS8H100DEE
Product summary
Symbol
Value
IF(AV)
8 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.60 V
100 V, 8 A power Schottky rectifier
STPS8H100DEE
Datasheet
DS9077 - Rev 4 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS8H100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
High voltage power Schottky rectifier
09-Sep-2012
More results

Similar Description - STPS8H100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com