Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4060 Datasheet (PDF) - Analog Devices

MAX4060 Datasheet PDF - Analog Devices
Part # MAX4060
Download  MAX4060 Download
File Size   1410.41 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown

MAX4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4060 Datasheet PDF - Analog Devices

Part # MAX4060
Download  MAX4060 Click to download

File Size   1410.41 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown

MAX4060 Datasheet (HTML) - Analog Devices


MAX4060 Product details

Features
● 2.4V to 5.5V Single-Supply Operation
● Adjustable Gain or Fixed-Gain Options
● High PSRR (86dB at 1kHz)
● High CMRR (70dB at 1kHz)
● Low Input-Referred Noise
● Integrated Microphone Bias
● 750μA Supply Current
● 0.3μA Shutdown Current
● ±4kV ESD Protection (AUX_IN)
● Rail-to-Rail Outputs
● THD+N: 0.04% at 1kHz
● Available in Space-Saving Packages
• 8-Pin TDFN (MAX4060/MAX4061)
• 8-Pin μMAX (MAX4060/MAX4061)
• 10-Pin μMAX (MAX4062)




Similar Part No. - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060-MAX4062 MAXIM-MAX4060-MAX4062 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
More results


Similar Description - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com