Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4060 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 3 Page - Analog Devices

  MAX4060 Datasheet HTML 1Page - Analog Devices MAX4060 Datasheet HTML 2Page - Analog Devices MAX4060 Datasheet HTML 3Page - Analog Devices MAX4060 Datasheet HTML 4Page - Analog Devices MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VCC = 3V for MAX4061/MAX4062, VCC = 5V for MAX4060, VGND = 0V, VSHDN = VCC, VINT/AUX = 0V, RG = 11.11kΩ,
RL = 100kΩ to 1.5V, RBIAS = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion
Plus Noise
THD+N
AV = 10V/V, f = 1kHz, VOUT = 0.7VRMS,
BW = 22Hz to 22kHz
0.04
%
Differential Gain
AVDIFF
1V < VCM < 2V,
VOUT = 0.7VRMS,
MAX4061/MAX4062
RG = open
1
1.13
1.3
V/V
RG = 11.11kΩ
9.6
10
10.4
RG = 1.01kΩ
96
100
104
1V < VCM < 2V, VOUT = 0.7VRMS, MAX4060
9.6
10.0
10.4
Common-Mode Rejection Ratio
CMRR
VCM = 500mVP-P, f = 1kHz
70
dB
Power-Supply Rejection Ratio
PSRR
TA = +25°C
72
89
dB
TA = TMIN to TMAX
60
VCC = 5V ±100mV, f = 1kHz
86
AUXILIARY INPUT (MAX4060/MAX4062, INT/AUX = VCC)
Small-Signal Bandwidth
BW-3dB
200
kHz
Input Resistance
RIN
100
kΩ
Input Noise-Voltage Density
en
f = 1kHz
45
nV/√Hz
RMS Output Noise Voltage
VNRMS
BW = 22Hz to 22kHz
385
µVRMS
Total Harmonic Distortion
Plus Noise
THD+N
f = 1kHz, BW = 22Hz to 22kHz
0.05
%
Power-Supply Rejection Ratio
PSRR
TA = +25°C
65
90
dB
TA = TMIN - TMAX
50
Voltage Gain
AVAUX
VOUT = 0.7VRMS
-10.7
-10
-9.3
V/V
BIAS OUTPUT (MAX4060/MAX4062)
Output Voltage
VOUT
IBIAS = 0.8mA to GND, MAX4060
2
2.2
V
IBIAS = 0.5mA to GND, MAX4062
2
2.2
Output Resistance
ROUT
IBIAS = 0.8mA to GND, MAX4060
(TA = +25°C)
2
2.5
kΩ
IBIAS = 0.5mA to GND, MAX4062
(TA = +25°C)
22
40
Ω
Output Noise Voltage
VNRMS
IBIAS = 0.8mA to GND, BW = 22Hz to
22kHz, MAX4060
50
µVRMS
IBIAS = 0.5mA to GND, BW = 22Hz to
22kHz, MAX4062
20
www.analog.com
Analog Devices │ 3
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com