Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4060 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices MAX4060 Datasheet HTML 10Page - Analog Devices MAX4060 Datasheet HTML 11Page - Analog Devices MAX4060 Datasheet HTML 12Page - Analog Devices MAX4060 Datasheet HTML 13Page - Analog Devices MAX4060 Datasheet HTML 14Page - Analog Devices MAX4060 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Figure 4. Remote Differential Microphone Bias Network Optimizes Noise Rejection in Long-Run, PC Board Traces
2.2kΩ
1kΩ
AUX_IN
9
IN-
IN+
7
6
5
VCC
2.4V TO 5.5V
MAX4062
GND
8
G2
G1
0.1µF
0.1µF
1
10
RG
11kΩ
BIAS
VBIAS
0.1µF
0.1µF
4
x10
OUT
INT/AUX 2
3
1kΩ
VDD
2.2µF
1kΩ
1kΩ
2.2µF
1
2
3
4
8
7
6
5
AUX_IN
GND
IN-
IN+
EP*
VCC
*CONNECT EP TO GND (TDFN ONLY).
BIAS
OUT
INT/AUX
MAX4060
µMAX/TDFN
1
2
3
4
8
7
6
5
G1
GND
IN-
IN+
VCC
OUT
SHDN
G2
MAX4061
µMAX/TDFN
TOP VIEW
1
2
3
4
5
10
9
8
7
6
G1
AUX_IN
GND
IN-
BIAS
OUT
INT/AUX
G2
MAX4062
µMAX
IN+
VCC
EP*
www.analog.com
Analog Devices │ 13
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com