Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4060 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 2 Page - Analog Devices

  MAX4060 Datasheet HTML 1Page - Analog Devices MAX4060 Datasheet HTML 2Page - Analog Devices MAX4060 Datasheet HTML 3Page - Analog Devices MAX4060 Datasheet HTML 4Page - Analog Devices MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Supply Voltage (VCC to GND). ...............................-0.3V to +6V
Any Other Pin to GND.............................. -0.3V to (VCC + 0.3V)
Duration of Short Circuit to GND or VCC ..................Continuous
Continuous Input Current (any pin)..................................±10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 24.4mW/°C above +70°C) .....1951.2mW
8-Bump μMAX (derate 4.8mW/°C above +70°C).....387.8mW
10-Bump μMAX (derate 8.8mW/°C above +70°C)...707.3mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VCC = 3V for MAX4061/MAX4062, VCC = 5V for MAX4060, VGND = 0V, VSHDN = VCC, VINT/AUX = 0V, RG = 11.11kΩ,
RL = 100kΩ to 1.5V, RBIAS = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from
PSRR test
MAX4061/MAX4062
2.4
5.5
V
MAX4060
4.5
5.5
Supply Current
ICC
0.75
1.2
mA
Output Common-Mode Voltage
VOCM
1.25
1.5
1.75
V
Slew Rate
SR
AV = 10V/V
±1
V/µs
Supply Current in Shutdown
ISHDN
VSHDN = 0V, MAX4061
0.001
1
µA
Output Short-Circuit Current
ISC
To GND
30
mA
To VCC
30
DIFFERENTIAL INPUT (VINT/AUX = 0V for MAX4060/MAX4062, default for MAX4061)
Input Offset Voltage
VOS
±0.1
±5
mV
Common-Mode Input Voltage
Range
VCM
1
2
V
Maximum Differential Input Voltage VDIFFMAX AV = 1V/V, MAX4061/MAX4062
1
V
Small-Signal Bandwidth
BW-3dB
600
kHz
Input Resistance
RIN
Either differential input
100
kΩ
Input Resistance Match
RMATCH
1
%
Input Noise-Voltage Density
en
AV = 10V/V, f = 1kHz
100
nV/√Hz
AV = 100V/V, f = 1kHz, MAX4061/MAX4062
only
20
RMS Output Noise Voltage
VNRMS
AV = 10V/V, BW = 22Hz to 22kHz
125
µVRMS
www.analog.com
Analog Devices │ 2
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com