Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4295 Datasheet (PDF) - Analog Devices

MAX4295 Datasheet PDF - Analog Devices
Part # MAX4295
Download  MAX4295 Download
File Size   532.9 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier

MAX4295 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4295 Datasheet PDF - Analog Devices

Part # MAX4295
Download  MAX4295 Click to download

File Size   532.9 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier

MAX4295 Datasheet (HTML) - Analog Devices


MAX4295 Product details

Features
♦ +2.7V to +5.5V Single-Supply Operation
♦ 2W/Channel Output Power at 5V
0.7W/Channel Output Power at 3V
♦ 87% Efficiency (RL = 4Ω, POUT = 2W)
♦ 0.4% THD+N (RL = 4Ω, fOSC = 125kHz)
♦ Logic-Programmable PWM Frequency Selection
(125kHz, 250kHz, 500kHz, 1MHz)
♦ Low-Power Shutdown Mode
♦ Clickless Transitions Into and Out of Shutdown
♦ 1A Current Limit and Thermal Protection
♦ Available in Space-Saving Packages
16-Pin QSOP or Narrow SO




Similar Part No. - MAX4295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX4295 MAXIM-MAX4295 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
MAX4295EEE MAXIM-MAX4295EEE Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX4295EEE MAXIM-MAX4295EEE Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
MAX4295ESE MAXIM-MAX4295ESE Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
More results


Similar Description - MAX4295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com