Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4295 Datasheet (PDF) - Maxim Integrated Products

MAX4295 Datasheet PDF - Maxim Integrated Products
Part # MAX4295
Download  MAX4295 Download
File Size   719.24 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers

MAX4295 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4295 Datasheet PDF - Maxim Integrated Products

Part # MAX4295
Download  MAX4295 Click to download

File Size   719.24 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers

MAX4295 Datasheet (HTML) - Maxim Integrated Products


MAX4295 Product details

General Description
The MAX4295/MAX4297 mono/stereo, switch-mode (Class-D) audio power amplifiers operate from a single +2.7V to +5.5V supply. They have >85% efficiency and are capable of delivering 2W continuous power to a 4Ω load, making them ideal for portable multimedia and general-purpose high-power audio applications.

Features
♦ +2.7V to +5.5V Single-Supply Operation
♦ 2W/Channel Output Power at 5V 0.7W/Channel Output Power at 3V
♦ 87% Efficiency (RL = 4Ω, PO = 2W, MAX4295)
♦ 0.4% THD+N (RL = 4Ω, fOSC = 125kHz)
♦ Logic-Programmable PWM Frequency Selection (125kHz, 250kHz, 500kHz, 1MHz)
♦ Low-Power Shutdown Mode
♦ Clickless Transitions Into and Out of Shutdown
♦ 1A Current Limit and Thermal Protection
♦ Available in Space-Saving Packages
    16-Pin QSOP (MAX4295)
    24-Pin SSOP (MAX4297)

Applications
    Palmtop/Notebook Computers
    PDA Audio
    Sound Cards
    Game Cards
    Boom Boxes
    AC Amplifiers
    Battery-Powered Speakers
    Cordless Phones
    Portable Equipment




Similar Part No. - MAX4295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
Analog Devices
MAX4295 AD-MAX4295 Datasheet
532Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
Rev 3 3/05
logo
Maxim Integrated Produc...
MAX4295EEE MAXIM-MAX4295EEE Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
Analog Devices
MAX4295EEE AD-MAX4295EEE Datasheet
532Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
Rev 3 3/05
logo
Maxim Integrated Produc...
MAX4295ESE MAXIM-MAX4295ESE Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results


Similar Description - MAX4295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com