Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX596 Datasheet (PDF) - Texas Instruments

OPAX596 Datasheet PDF - Texas Instruments
Part # OPAX596
Download  OPAX596 Download
File Size   3188.29 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs

OPAX596 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX596 Datasheet PDF - Texas Instruments

Part # OPAX596
Download  OPAX596 Click to download

File Size   3188.29 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs

OPAX596 Datasheet (HTML) - Texas Instruments


OPAX596 Product details

1 Features
• High slew rate: 100V/μs
• Low power consumption: 420μA
• Wide power-supply range:
– ±4V to ±42.5V
– 8V to 85V
• MUX-friendly inputs
• Input below the negative rail
• Rail-to-rail output
• Gain bandwidth: 3.75MHz
• Low noise: 12.8nV/√Hz
• Low input bias current: 5pA
• Low input offset voltage: ±1mV
• Output current drive: ±30mA
• Wide temperature range: –40°C to +125°C
• Industry-standard small packages:
– D (8-pin SOIC)
– DBV (5-pin SOT-23)
– DGK (8-pin VSSOP)

2 Applications
• Semiconductor test
• LCD test
• Programmable dc power supply
• CT and PET scanner
• Source measurement unit (SMU)
• Optical module
• Lab and field Instrumentation

3 Description
The OPA596 and OPA2596 (OPAx596) are highvoltage
(85V), high slew rate (100V/μs), micro-power
(420μA), unity-gain stable operational amplifiers.
The OPAx596 enable the next generation of highvoltage
systems, such as output load drivers in
semiconductor test and digital power supplies by
increasing the output voltage of the system though
high-gain configurations. Low power consumption and
industry-standard small packages allow the device
to be used in high-density systems that are size
constrained, while reducing the thermal management
requirements for the system.
Through proprietary design techniques, the OPAx596
are capable of a very high slew rate with
minimal power consumption to improve large-signal
settling time and maximize the effective large-signal
bandwidth. These devices also offers MUX-friendly
inputs that enable large differential voltage (up to 85V)
and help improve settling behavior when compared to
traditional inputs in multiplexed applications.
The OPAx596 are available in industry-standard
packages and operates across the temperature range
of –40°C to +125°C.




Similar Part No. - OPAX596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX596 TI1-OPAX596 Datasheet
1Mb / 27P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
JUNE 2024
OPAX596 TI1-OPAX596 Datasheet
2Mb / 34P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
FEBRUARY 2025
OPAX596 TI2-OPAX596 Datasheet
2Mb / 38P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
REVISED DECEMBER 2025
More results


Similar Description - OPAX596

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
Low Power, High Slew Rate, Wideband Operational Amplifier
July 1994
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850_03 Datasheet
389Kb / 8P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com