Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9651 Datasheet (PDF) - STMicroelectronics

L9651 Datasheet PDF - STMicroelectronics
Part # L9651
Download  L9651 Download
File Size   119.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART QUAD SWITCH

L9651 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9651 Datasheet PDF - STMicroelectronics

Part # L9651
Download  L9651 Click to download

File Size   119.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART QUAD SWITCH

L9651 Datasheet (HTML) - STMicroelectronics


L9651 Product details

DESCRIPTION
The L9651 consists of four identical low side power switches. A serial diagnostic interface indicates failure mode of each switch (short circuit to VBAT or ground and open load or over temperature).

■ Modified VDMOS Power Stage (UDSBR > 80V)
■ RDSON < 500 mOhm (Tj = 25°C)
■ CMOS Compatible Inputs
■ Enable Input (Reset)
■ Outputs Capable of up to 2.2 Amperes
■ Outputs Internally Clamped at 70V for Fast Inductive Load Switch Off
■ Wide operating supply voltage from 4.7V up to 30V
■ DIAGNOSTIC FUNCTIONS
■ Open Load Detection (Output off, 100sfiltering time)
■ Short to Ground Detection (Output off, 100s - filtering time)
■ Short to Battery Detection (Output on)
■ Over temperature detection (Output on)
■ Storage of last fault in 8 Bit - Serial Register
■ Fault Signal Indication at Serial Data Out without need to read out the Serial Interface
■ Daisy Chainable Serial Diagnostic
■ Serial Interface Clock Frequency up to 500kHz




Similar Part No. - L9651

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
L9651 STMICROELECTRONICS-L9651_V01 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
More results


Similar Description - L9651

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6225G INFINEON-TLE6225G Datasheet
238Kb / 9P
Smart Quad Low-Side Switch?
V2.1 26.Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE8104E INFINEON-TLE8104E Datasheet
1Mb / 27P
Smart Quad Channel Powertrain Switch
V1.4, 2010-04-26
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE9104SH INFINEON-TLE9104SH Datasheet
1Mb / 35P
Smart Quad Channel Powertrain Switch
Rev. 1.2 2018-10-26
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com