Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9651 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9651
Description  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 Datasheet(HTML) 4 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L9651
4/9
Logic Inputs IN1...IN4, SY, CL, DI, R
VINiLH
VSYLH
VCLLH
VRLH
VDILH
Input High level
3.5
6.5
V
VINiHL
VSYHL
VCLHL
VRHL
VDIHL
Input Low level
-0.3
1.5
V
VINih
VSYh
VCLh
VRh
VDIh
Hysteresis
0.2
1
V
- IINi
- ISY
- IC L
- IR
Input current IN1 ... IN4, SY, CL, R
(Internal pull up current source)
VINi = 0V
10
40
120
µA
VSY = 0V
VCL = 0V
VR = 0V
10
80
- IDI
Input current DI
(Internal pull up current source)
VDI = 0V
120
220
250
µA
Timing
tdon
Turn on delay
7.5
µs
tdoff
Turn off delay
7.5
µs
son
Switch on slew rate
10
V/
µs
soff
Switch off slew rate
15
V/
µs
toc
Over current detection time
0.5
µs
tv
Open load filtering time
60
100
200
µs
tv
Short to GND filtering time
60
100
200
µs
fCL
Serial clock frequency
0
500
kHz
tvDV
DO: Datavalidtime
0.03
1
µs
tvset
DI: Datasettlingtime
0.5
µs
tvhold
DI: Dataholdtime
0
µs
Diagnostic
VBATDU
Under voltage threshold
4.7
7.5
V
Serial Data output (External pull up required)
VDO
Data output low voltage
IDO < 1.6mA
7.5V < VBAT < 22V
00.45
V
| IDO |
Data output leakage current
10
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com