Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9651 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9651
Description  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 Datasheet(HTML) 5 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
L9651
Figure 1. Typical Timing Diagram for Serial Diagnostic
Output voltage monitoring Output off
VOL
Open load threshold voltage
(fault detected if VOUTi < VOL)
7.5V < VBAT < 22V
2/3VBAT
VSG
Short to GND threshold voltage
(fault detected if VOUTi < VSG)
7.5V < VBAT < 22V
1/3VBAT
Open load diagnostic current Output off
Open load output voltage
IOUT = 0 A
VINi = 5V
7.5V < VBAT < 22V
1/2VBAT
- IOUTi
Output current
VOUT = 1V
VINi = 5V
50
100
150
µA
IOUTi
Output current
VOUT = VBAT
VINi = 5V
7.5V < VBAT < 22V
200
320
500
µA
Overload Diagnostic
Over temperature diagnostic
TJ
175
°C
IOUTi
Over current
TJ = -40°C
TJ = 25°C
TJ = 150°C
3.0
2.5
2.2
4.3
3.7
3.5
A
A
A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Bit1 Bit2 Bit3 Bit4 Bit5
Bit7 Bit8
Bit6
H
L
H
L
H
L
H
L
SY
CL
DO
DI
Fault: Open Load or Short to GND
o. k.
tv
Di1 Di2 Di3
Di1 Di2 Di3
Reset of Shift Register
o. k.
Fault: Short to Battery or over temp.
< tv
1/fCL
Shift Register Data Frozen
tvDV
tvset
tvhold
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com