Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4444 Datasheet (PDF) - Analog Devices

MAX4444 Datasheet PDF - Analog Devices
Part # MAX4444
Download  MAX4444 Download
File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable

MAX4444 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4444 Datasheet PDF - Analog Devices

Part # MAX4444
Download  MAX4444 Click to download

File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable

MAX4444 Datasheet (HTML) - Analog Devices


MAX4444 Product details

Features
© 5000V/μs Slew Rate (MAX4444)
© +2V/V Internally Fixed Gain (MAX4444)
© External Gain Selection
(MAX4445, AVCL ³ +2V/V)
© 550MHz -3dB Bandwidth
© -60dB SFDR at 5MHz
© Low Differential Gain/Phase: 0.07%/0.05°
© Low Noise: 25nV/ÃHz at fIN = 100kHz
© Low-Power Disable Mode Reduces Quiescent
Current to 3.5mA




Similar Part No. - MAX4444

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4444 MAXIM-MAX4444 Datasheet
87Kb / 8P
Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
MAX4444 MAXIM-MAX4444 Datasheet
97Kb / 4P
Fully Assembled and Tested Surface-Mount Board
Rev 0; 10/99
MAX4444ESE MAXIM-MAX4444ESE Datasheet
87Kb / 8P
Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
MAX4444EVKIT MAXIM-MAX4444EVKIT Datasheet
97Kb / 4P
Fully Assembled and Tested Surface-Mount Board
Rev 0; 10/99
More results


Similar Description - MAX4444

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144 Datasheet
212Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 1; 1/98
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4444 MAXIM-MAX4444 Datasheet
87Kb / 8P
Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144_09 Datasheet
366Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com