Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet (PDF) - STMicroelectronics

L9805 Datasheet PDF - STMicroelectronics
Part # L9805
Download  L9805 Download
File Size   853.83 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful

L9805 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9805 Datasheet PDF - STMicroelectronics

Part # L9805
Download  L9805 Click to download

File Size   853.83 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful

L9805 Datasheet (HTML) - STMicroelectronics


L9805 Product details

Features
■ 6.4-18V Supply Operating Range
■ 16 MHz Maximum Oscillator Frequency
■ 8 MHz Maximum Internal Clock Frequency
■ Oscillator Supervisor
■ Fully Static operation
■ -40°C to + 150°C Temperature Range
■ User EPROM/OTP: 16 Kbytes
■ Data RAM: 256 bytes
■ Data EEPROM: 128 bytes
■ 64 pin HiQUAD64 package
■ 10 multifunctional bidirectional I/O lines
■ Two 16-bit Timers, each featuring:
■ 2 Input Captures
■ 2 Output Compares
■ External Clock input (on Timer 1)
■ PWM and Pulse Generator modes
■ Two Programmable 16-bit PWM generator modules.
■ CAN peripheral including Bus line interface according 2A/B passive specifications
■ 10-bit Analog-to-Digital Converter
■ Software Watchdog for system integrity
■ Master Reset, Power-On Reset, Low Voltage Reset
■ 70mΩ DMOS H-bridge.
■ 8-bit Data Manipulation
■ 63 basic Instructions and 17 main Addressing Modes
■ 8 x 8 Unsigned Multiply Instruction
■ True Bit Manipulation
■ Complete Development Support on DOS/ WINDOWSTM Real-Time Emulator
■ Full Software Package on DOS/WINDOWSTM (C-Compiler, Cross-Assembler, Debugger) HiQUAD-64 ORDERING NUMBER: L9805 1




Similar Part No. - L9805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 127P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
08-Jun-2006
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 125P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
24-Sep-2013
L9805E STMICROELECTRONICS-L9805E_V01 Datasheet
1Mb / 125P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
24-Sep-2013
More results


Similar Description - L9805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 127P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
08-Jun-2006
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
May-2001
L9803 STMICROELECTRONICS-L9803 Datasheet
1Mb / 126P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
09-Jun-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com