Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 4Page - STMicroelectronics L9805 Datasheet HTML 5Page - STMicroelectronics L9805 Datasheet HTML 6Page - STMicroelectronics L9805 Datasheet HTML 7Page - STMicroelectronics L9805 Datasheet HTML 8Page - STMicroelectronics L9805 Datasheet HTML 9Page - STMicroelectronics L9805 Datasheet HTML 10Page - STMicroelectronics L9805 Datasheet HTML 11Page - STMicroelectronics L9805 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
8/103
L9805
1.4 PIN DESCRIPTION
AD2-AD4: Analog input to ADC.
PA0/OCMP2_1-PA1/OCMP1_1: I/Os or Output
compares on Timer 1. Alternate function software
selectable (by setting OC2E or OC1E in CR2 reg-
ister: bit 6 or 7 at 0031h). When used as an alter-
nate function, this pin is a push-pull output as re-
quested by Timer 1. Otherwise, this pin is a trig-
gered floating input or a push-pull output.
PA2/ICAP2_1-PA3/ICAP1_1: I/Os or Input cap-
tures on Timer 1. Before using this I/O as alternate
inputs, they must be configured by software in in-
put mode (DDR=0). In this case, these pins are a
triggered floating input. Otherwise (I/O function),
these pin are triggered floating inputs or push-pull
outputs.
PA4/EXTCLK_1: PA4 I/O or External Clock on
Timer 1. Before using this I/O as alternate input, it
must be configured by software in input mode
(DDR=0). In this case, this pin is a triggered float-
ing input. Otherwise (I/O function), this pin is a trig-
gered floating input or a push-pull output.
PA5/OCMP2_2-PA6/OCMP1_2: I/Os or Output
Compares on Timer 2. Alternate function software
selectable (by setting OC2E or OC1E in CR2 reg-
ister: bit 6 or 7 at 0041h). When used as alternate
functions, these pins are push-pull outputs as re-
quested by Timer 2. Otherwise, these pins are trig-
gered floating inputs or push-pull outputs.
PA7/ICAP2_2-PB0/ICAP1_2: I/Os or Input Cap-
tures on Timer 2. Before using these I/Os as alter-
nate inputs, they must be configured by software
in input mode (DDR=0). In this case, these pins
are triggered floating inputs. Otherwise (I/O func-
tion), these pins are triggered floating inputs or
push-pull outputs.
PB1/EXTCLK_2: PB1 I/O or External Clock on
Timer 2. Before using this I/O as alternate input, it
must be configured by software in input mode
(DDR=0). In this case, this pin is a triggered float-
ing input. Otherwise (I/O function), this pin is a trig-
gered floating input or a push-pull output.
VPP/TM: Input. This pin must be held low during
normal operating modes.
VDD: Output. 5V Power supply for digital circuits,
from internal voltage regulator.
OSCIN: Input Oscillator pin.
OSCOUT: Output Oscillator pin.
GND: Ground for digital circuits.
VBR: Power supply for Right half-bridge.
OUTR: Output of Left half-bridge.
PGND: Ground for power transistor.
OUTL: Output of Right half-bridge.
VBL: Power supply for Left half-bridge.
VB1: Power supply for voltage regulators.
VB2: Pre-regulated voltage for analog circuits.
CAN_L: Low side CAN bus output.
CAN_H: High side CAN bus input.
NRESET: Bidirectional. This active low signal forc-
es the initialization of the MCU. This event is the
top priority non maskable interrupt. It can be used
to reset external peripherals.
PWMI:
PWM input. Directly connected to Input
Capture 2 on Timer 2.
PWMO: PWM output. Connected to the output of
PWM2 module.
AGND: Ground for all analog circuitry (except
power bridge).
VCC: Output. 5V power supply for analog circuits,
from internal voltage regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com