Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 23Page - STMicroelectronics L9805 Datasheet HTML 24Page - STMicroelectronics L9805 Datasheet HTML 25Page - STMicroelectronics L9805 Datasheet HTML 26Page - STMicroelectronics L9805 Datasheet HTML 27Page - STMicroelectronics L9805 Datasheet HTML 28Page - STMicroelectronics L9805 Datasheet HTML 29Page - STMicroelectronics L9805 Datasheet HTML 30Page - STMicroelectronics L9805 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
27/103
L9805
The application board can improve noise reduction
in the chip connecting directly pin 42 to pin 9 and
pin 43 to pin 12 using traces as short as possible.
An additional capacitor mounted close to pin 9 and
12 can lead additional improvement.
4.2.1 VDD Short Circuit Protection
The output current of the digital voltage regulator
is controlled by a circuit that limits it to a maximum
value (IMAXVDD). When the output current exceeds
this value the VDD voltage starts falling down. Ex-
ternal loads must be chosen taking in account this
maximum current capability of the regulator.
4.3 Analog Section Power Supply
The analog supply voltage is available on VCC
pin. The external 100nF compensation capacitor
should be placed as close as possible to this pin
and AGND pin.
VCC is the reference voltage for the AD conver-
sion and must be used to supply ratiometric sen-
sors feeding AD inputs. Any voltage drop between
VCC pin and the sensor supply pin on the applica-
tion board, will cause the ADC to be inaccurate
when reading the sensor’s output.
4.3.1 VCC Short Circuit Protection
The output current of the analog voltage regulator
is controlled by a circuit that limits it to a maximum
value (IMAXVCC). When the output current exceeds
this value the VCC voltage starts falling down. Ex-
ternal loads must be chosen taking in account this
maximum current capability of the regulator.
WARNING: The pin VB2 is not short circuit pro-
tected so a short circuit on this pin will destroy the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com