Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 22Page - STMicroelectronics L9805 Datasheet HTML 23Page - STMicroelectronics L9805 Datasheet HTML 24Page - STMicroelectronics L9805 Datasheet HTML 25Page - STMicroelectronics L9805 Datasheet HTML 26Page - STMicroelectronics L9805 Datasheet HTML 27Page - STMicroelectronics L9805 Datasheet HTML 28Page - STMicroelectronics L9805 Datasheet HTML 29Page - STMicroelectronics L9805 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
26/103
L9805
4 VOLTAGE REGULATOR
4.1 Introduction
The on chip voltage regulator provides two regu-
lated voltage, nominally 5V both. VCC supplies
ADC and the analog periphery and VDD supplies
the microcontroller and logic parts. These voltage
are available at pins VDD and VCC to supply ex-
ternal components and connects a capacitors to
optimize EMI performance. A pre-regulator circuit
allows to connect external tantalum capacitors to a
lower (10V) voltage (VB2 pin).
4.1.1 Functional Description
The main supply voltage is taken from VB1 pin. A
voltage pre-regulator provides the regulated volt-
age on pin VB2. VB2 is the supply for the digital
and analog regulators. The block diagram shows
the connections between the regulators and the
external pins.
In order to prevent negative spikes on the battery
line to propagate on the internal supply generating
spurious reset, a series diode supply VB1 pin is
recommended.
Figure 14. Voltage regulation block diagram
4.2 Digital Section Power Supply
The digital supply voltage VDD is available at pin
number 42 and 9. The digital ground GND is avail-
able at pin number 43 and 12.
Pin 42 and 43 are the actual voltage regulator out-
put and external loads must be supply by these
pin. The 100nF compensation capacitor should be
connected as close as possible to pin 42 and 43.
Pin number 9 and 12 provide an external access to
the internal oscillator supply. Resonator’s capaci-
tors should be grounded on pin 12.
ADC
PRE-REGULATOR
VB1
VB2
force
ANALOG
VOLTAGE
REGULATOR
sense
VCC
AGND
DIGITAL
VOLTAGE
REGULATOR
VDD(42)
GND(43)
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com