Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 13Page - STMicroelectronics L9805 Datasheet HTML 14Page - STMicroelectronics L9805 Datasheet HTML 15Page - STMicroelectronics L9805 Datasheet HTML 16Page - STMicroelectronics L9805 Datasheet HTML 17Page - STMicroelectronics L9805 Datasheet HTML 18Page - STMicroelectronics L9805 Datasheet HTML 19Page - STMicroelectronics L9805 Datasheet HTML 20Page - STMicroelectronics L9805 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
17/103
L9805
3.3 WATCHDOG SYSTEM (WDG)
3.3.1 Introduction
The Watchdog is used to detect the occurrence of
a software fault, usually generated by external in-
terference or by unforeseen logical conditions,
which causes the application program to give up its
normal sequence. The Watchdog circuit generates
an MCU reset on expiry of a programmed time pe-
riod, unless the program refreshes the counter’s
contents before it is decremented to zero.
3.3.2 Main Features
– Programmable Timer (64 increments of 12,288
CPU clock)
– Programmable Reset
– reset (if watchdog activated) after an HALT in-
struction or when bit timer MSB reaches zero
– Watchdog Reset indicated by status flag.
3.3.3 Functional Description
The counter value stored in the CR register (bits
T6:T0), is decremented every 12,288 machine cy-
cles, and the length of the timeout period can be
programmed by the user in 64 increments.
If the watchdog is activated (the WDGA bit is set)
and when the 7-bit timer (bits T6:T0) rolls over
from 40h to 3Fh (T6 becomes cleared), it initiates
a reset cycle pulling low the reset pin for typically
500ns.
The application program must write in the CR reg-
ister at regular intervals during normal operation to
prevent an MCU reset. The value to be stored in
the CR register must be between FFh and C0h
(see Table 1):
– The WDGA bit is set (watchdog enabled)
– The T6 bit is set to prevent generating an imme-
diate reset
– The T5:T0 bit contain the number of increments
which represents the time delay before the
watchdog produces a reset.
Table 3. Watchdog Timing (fOSC = 16 MHz)
Notes: Following a reset, the watchdog is disa-
bled. Once activated it cannot be disabled, except
by a reset.
The T6 bit can be used to generate a software re-
set (the WDGA bit is set and the T6 bit is cleared).
If the watchdog is activated, the HALT instruction
will generate a Reset.
Figure 8. Functional Description
WDG Register initial
value
WDG timeout period (ms)
7Fh
98.3
C0h
1.54
RESET
WDGA
7-BIT DOWNCOUNTER
fCPU
MSB
LSB
CLOCK DIVIDER
WDGF
WATCHDOG STATUS REGISTER (WDGSR)
WATCHDOG CONTROL REGISTER (WDGCR)
÷12288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com