Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 12Page - STMicroelectronics L9805 Datasheet HTML 13Page - STMicroelectronics L9805 Datasheet HTML 14Page - STMicroelectronics L9805 Datasheet HTML 15Page - STMicroelectronics L9805 Datasheet HTML 16Page - STMicroelectronics L9805 Datasheet HTML 17Page - STMicroelectronics L9805 Datasheet HTML 18Page - STMicroelectronics L9805 Datasheet HTML 19Page - STMicroelectronics L9805 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
16/103
L9805
3.2 OSCILLATOR SAFEGUARD
The L9805 contains an oscillator safe guard func-
tion.
This function provides a real time check of the
crystal oscillator generating a reset condition when
the clock frequency has anomalous value.
If fOSC<flow, a reset is generated.
If fOSC>fhigh, a reset is generated.
A flag in the Dedicated Control Status Register in-
dicates if the last reset is a safeguard reset.
At the output of reset state the safeguard is disa-
ble. To activate the safeguard SFGEN bit must be
set.
Notes: Following a reset, the safeguard is disa-
bled. Once activated it cannot be disabled, except
by a reset.
3.2.1 Dedicated Control Status Register
DCSR
Address 0022h - Read/Write
Reset Value:xx00 0000 (00h)
b6 = SGFH: Safeguard high flag. Set by an Oscil-
lator Safeguard Reset generated for frequency too
high, cleared by software (writing zero) or Power
On / Low Voltage Reset. This flag is useful for dis-
tinguishing Safeguard Reset, Power On / Low
Voltage Reset and Watchdog Reset.
b7 = SGFL: Safeguard low flag. Set by an Oscilla-
tor Safeguard Reset generated for frequency too
low, cleared by software (writing zero) or Power
On / Low Voltage Reset. This flag is useful for dis-
tinguishing Safeguard Reset, Power On / Low
Voltage Reset and Watchdog Reset.
b5 = SFGEN: Safeguard enable when set. It’s
cleared only by hardware after a reset.
b4 = CANDS: CAN Transceiver disable. When this
bit is set the CAN transceiver goes in Power Down
Mode and does not work until this bit is reset.
CANDS is 0 after reset so the standard condition is
with the transceiver enabled. This bit can be used
by application requiring low power consumption
(see Section 5.7 for details).
b3,b2,b1 = not used
b0 = PIEN: PWMI input enable. When set, the
PWMI input line is connected to Input Capture 2 of
Timer 2. Otherwise, ICAP2_2 is the alternate func-
tion of PA7. See Figure 31 for the explanation of
this function.
SGFL
SGFH
SFGEN
CANDS
b
3
b
2
b
1
PIEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com