Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 94Page - STMicroelectronics L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics L9805 Datasheet HTML 98Page - STMicroelectronics L9805 Datasheet HTML 99Page - STMicroelectronics L9805 Datasheet HTML 100Page - STMicroelectronics L9805 Datasheet HTML 101Page - STMicroelectronics L9805 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 103 page
background image
98/103
L9805
7.5 DC ELECTRICAL CHARACTERISTICS
(T
J = -40 to +150°C, VB=12V unless otherwise specified)
GENERAL
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VB1
Supply Voltage
fOSC = 16 MHz
6.4
12
18
V
VBR, VBL
= VB
Power Supply Voltage
fOSC = 16 MHz
7.1
12
18
V
I1
Supply Current from VB1
No external loads
RUN mode
WAIT mode
Halt mode1)
Note 1. Halt mode is not allowed if Watchdog or Safeguard are enabled
24
21
16
mA
mA
mA
IIN
Input Current
Low voltage pins2)
Note 2. A current of 5mA can be forced on each pin of the digital section without affecting the functional behaviour of the device.
-5
5
mA
POWER SUPPLY
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VB2
Pre-regulated Voltage
VB1 = 12V
8
10
12
V
VDD
Regulated Voltage
VB1 = 12V
4.75
5
5.25
V
VDD
Regulated Voltage
VB1 = 3.. 6.4V
VB1 - 1.1
V
∆VDD
Line Regulation
VB1 = 6.4..18V
50
mV
∆VDD
Load Regulation
IVDD=0..50mA
50
mV
VCC
Regulated Voltage
4.75
5
5.25
V
VCC
Regulated Voltage
VB1 = 3.. 6.4V
VB1 - 1.1
V
∆VCC
Line Regulation
VB1 = 6.4..18V
50
mV
∆VCC
Load Regulation
IVCC=0..15mA
50
mV
IVDD
Current sunk from VDD pin
50
mA
IVCC
Current sunk from VCC pin
15
mA
IMAXVDD
Current limit from VDD
200
350
mA
IMAXVCC
Current limit from VCC
50
160
mA
CVDD
External capacitor to be connected
to VDD pin
100
nF
CVCC
External capacitor to be connected
to VCC pin
100
nF
STANDARD I/O PORT PINS
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VIL
Input Low Level Voltage
-
-
0.3xVDD
V
VIH
Input High Level Voltage
0.7xVDD
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com