Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics L9805 Datasheet HTML 98Page - STMicroelectronics L9805 Datasheet HTML 99Page - STMicroelectronics L9805 Datasheet HTML 100Page - STMicroelectronics L9805 Datasheet HTML 101Page - STMicroelectronics L9805 Datasheet HTML 102Page - STMicroelectronics L9805 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
102/103
L9805
Note 1:
tDR
Delay Time from VDIFF to RX
VDIFF = VCANH - VCANL
150
ns
tD
Disabled Transmission Time for
Overcurrent Protection
15
10
us
SRH
VCANH Slew Rate Between 20%
and 80%
30
80
V/
µs
SRL
VCANL Slew Rate Between 20%
and 80%
30
80
V/
µs
tTR
Delay Time from TX to RX
200
ns
1/tbit
Transmission speed
non return to zero
1
Mb/s
POWER ON / LOW VOLTAGE RESET
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VReset L
Input low level voltage
NRESET pin
0.3VDD
V
VReset H
Input high level voltage
NRESET pin
0.7VDD
V
IReset L, H
Input current
NRESET pin
VDD = 5V
Leakage current
Internal reset by watch-
dog or POR
Pull up current source
30
1
1
70
µA
mA
µA
VReset UD
VDD for RESET undefined
Below this voltage RE-
SET is not defined
2V
VReset ON
VDD low threshold for RESET on
3.4
V
VReset OFF
VDD high threshold for RESET off
3.9
V
CAN TRANSCEIVER
Rl = 60 Ohm, see note 1, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
CANH
CANL
4.7nF
30 Ohm
30 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com