Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 27Page - STMicroelectronics L9805 Datasheet HTML 28Page - STMicroelectronics L9805 Datasheet HTML 29Page - STMicroelectronics L9805 Datasheet HTML 30Page - STMicroelectronics L9805 Datasheet HTML 31Page - STMicroelectronics L9805 Datasheet HTML 32Page - STMicroelectronics L9805 Datasheet HTML 33Page - STMicroelectronics L9805 Datasheet HTML 34Page - STMicroelectronics L9805 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
31/103
L9805
I/O PORTS (Cont’d)
5.1.3 Register Description
5.1.3.1 Data registers
(PADR)
Port A: 0000h
Read /Write
Reset Value: 0000 0000 (00h)
(PBDR)
Port B: 0004h
Read /Write
Reset Value: 0000 0000 (00h)
5.1.3.2 Data direction registers
(PADDR)
Port A: 0001h
Read/Write
Reset Value: 0000 0000 (00h) (input mode)
(PBDDR)
Port B: 0005h
Read/Write
Reset Value: 0000 0000 (00h) (input mode)
5.1.3.3 Option registers
(PAOR)
Port A: 0002h
Read/Write
Reset Value: 0000 0000 (00h) (no interrupt)
(PBOR)
Port B: 0006h
Read/Write
Reset Value: 0000 0000 (00h) (no interrupt)
70
MSB
LSB
70
MSB
0
0
0
0
LSB
70
MSB
LSB
70
MSB
0
0
0
0
LSB
70
MSB
LSB
70
MSB
0
0
0
0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com