Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 71Page - STMicroelectronics L9805 Datasheet HTML 72Page - STMicroelectronics L9805 Datasheet HTML 73Page - STMicroelectronics L9805 Datasheet HTML 74Page - STMicroelectronics L9805 Datasheet HTML 75Page - STMicroelectronics L9805 Datasheet HTML 76Page - STMicroelectronics L9805 Datasheet HTML 77Page - STMicroelectronics L9805 Datasheet HTML 78Page - STMicroelectronics L9805 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
75/103
L9805
CONTROLLER AREA NETWORK (Cont’d)
Table 11. CAN Register Map and Reset Values
Address
(Hex.)
Page
Register Name
7654
3
2
1
0
5Ah
ISR
RXIF3
RXIF2
RXIF1
TXIF
SCIF
ORIF
TEIF
EPND
Reset Value
0
0
0
0
0
0
0
0
5Bh
ICR
0
ESCI
RXIE
TXIE
SCIE
ORIE
TEIE
ETX
Reset Value
0
0
0
0
0
0
0
0
5Ch
CSR
0
BOFF
EPSV
SRTE
NRTX
FSYN
WKPS
RUN
Reset Value
0
0
0
0
0
0
0
0
5Dh
BRPR
RJW1
RJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Reset Value
0
0
0
0
0
0
0
0
5Eh
BTR
0
BS22
BS21
BS20
BS13
BS12
BS11
BS10
Reset Value
0
0
1
0
0
0
1
1
5Fh
PSR
0
0
0
0
0
PAGE2
PAGE1
PAGE0
Reset Value
0
0
0
0
0
0
0
0
60h
00h
LIDHR
LID10
LID9
LID8
LID7
LID6
LID5
LID4
LID3
Reset Value
x
x
x
x
x
x
x
x
01h-
03h
IDHRx
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
Reset Value
x
x
x
x
x
x
x
x
60h/64h
04h
FHRx
FIL11
FIL10
FIL9
FIL8
FIL7
FIL6
FIL5
FIL4
Reset Value
x
x
x
x
x
x
x
x
61h
00h
LIDLR
LID2
LID1
LID0
LRTR
LDLC3
LDLC2
LDLC1
LDLC0
Reset Value
x
x
x
x
x
x
x
x
01h-
03h
IDLRx
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
Reset Value
x
x
x
x
x
x
x
x
61h/65h
04h
FLRx
FIL3
FIL2
FIL1
FIL0
0
0
0
0
Reset Value
x
x
x
x
0
0
0
0
62h-69h
01h-
03h
DATA0-7x
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Reset Value
x
x
x
x
x
x
x
x
62h/66h
04h
MHRx
MSK11
MSK10
MSK9
MSK8
MSK7
MSK6
MSK5
MSK4
Reset Value
x
x
x
x
x
x
x
x
63h/
67h
04h
MLRx
MSK3
MSK2
MSK1
MSK0
0
0
0
0
Reset Value
x
x
x
x
0
0
0
0
6Eh
00h
TECR
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
Reset Value
0
0
0
0
0
0
0
0
6Fh
00h
RECR
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
Reset Value
0
0
0
0
0
0
0
0
01h-
03h
BCSRx
0
0
0
0
ACC
RDY
BUSY
LOCK
Reset Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com