Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 77Page - STMicroelectronics L9805 Datasheet HTML 78Page - STMicroelectronics L9805 Datasheet HTML 79Page - STMicroelectronics L9805 Datasheet HTML 80Page - STMicroelectronics L9805 Datasheet HTML 81Page - STMicroelectronics L9805 Datasheet HTML 82Page - STMicroelectronics L9805 Datasheet HTML 83Page - STMicroelectronics L9805 Datasheet HTML 84Page - STMicroelectronics L9805 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
81/103
L9805
Figure 42. Example - Power Bridge Waveform, PWM Up Brake Driving Mode
5.8.6 Register Description
The power section is controlled by the microcon-
troller through the following register:
POWER BRIDGE CONTROL STATUS REGIS-
TER (PBCSR)
Address: 0021h - Read/Write
Reset Value: 00000000
Bit 0 = EN: Power Bridge enable. When reset the
bridge is disabled and OUTL and OUTR are in
high impedance condition.
Bit 1= PWM_EN: PWM driving enable. When reset
the bridge is driven directly by IN1 and IN2 bit (Di-
rect Mode). When set the driving is made by
PWM1 and/or PWM2 bit according to the Opera-
tion Mode selected by IN1 and IN2 bit.
Bit 2= IN1: Left Half Bridge control bit if
PWM_EN=0,
driving
mode
selection
bit
if
PWM_EN=1.
Bit 3= IN2: Right Half Bridge control bit if
PWM_EN=0,
driving
mode
selection
bit
if
PWM_EN=1.
The following table summarizes the driving mode
selection made by PWM_EN, IN1 and IN2 bit
Bit 4= DIR: Direction bit. This bit is meaningless
when PWM_EN=0. When PWM_EN is set the DIR
bit controls the “driving direction” of the bridge. In
order to implement a precise control of the direc-
tion changes, DIR value is latched by the rising
edge of the pwm signal driving the bridge. When
the signal does not have edges (i.e. pwm = 0% or
100%) the DIR bit can not be latched and the driv-
ing direction does not change even changing DIR
bit in BCSR.
Bit 5= SC: Short Circuit flag (read only)
Bit 6= OVT: Overtemperature flag (read only)
Bit 7= PIE: Power section interrupt enable.
PWM1
DIR
UL
DL
UR
DR
OUTL
OUTR
70
PIE
OVT
SC
DIR
IN2
IN1
PWM_
EN
EN
PWM_EN
IN1
IN2
Driving Mode
0
X
X
Direct
1
0
0
PWM1 Up Braking
1
0
1
PWM1 Down Braking
1
1
0
PWM1 Symmetrical
1
1
1
PWM1/PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com