Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 78Page - STMicroelectronics L9805 Datasheet HTML 79Page - STMicroelectronics L9805 Datasheet HTML 80Page - STMicroelectronics L9805 Datasheet HTML 81Page - STMicroelectronics L9805 Datasheet HTML 82Page - STMicroelectronics L9805 Datasheet HTML 83Page - STMicroelectronics L9805 Datasheet HTML 84Page - STMicroelectronics L9805 Datasheet HTML 85Page - STMicroelectronics L9805 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
82/103
L9805
5.9 EEPROM (EEP)
5.9.1 Introduction
The Electrically Erasable Programmable Read
Only Memory is used to store data that need a non
volatile back-up. The use of the EEPROM requires
a basic protocol described in this chapter.
Software or hardware reset and halt modes are
managed immediately, stopping the action in
progress. Wait mode does not affect the program-
ming of the EEPROM.
The Read operation of this memory is the same of
a Read-Only-Memory or RAM. The erase and pro-
gramming cycles are controlled by an EEPROM
control register.
The user can program 1 to 4 bytes at the same
programming cycle providing that the high part of
the address is the same for the bytes to be written
(only address bits A1 and A0 can change).
The EEPROM is mono-voltage. A charge pump
generates the high voltage internally to enable the
erase and programming cycles. The erase and
programming cycles are chained automatically.
The global programming cycle duration is control-
led by an internal circuit.
Figure 43. EEPROM Block Diagram
BUFFER
ROW
DECODER
4*8 BITS
DATA LATCHES
DATA
MULTIPLEXER
HIGH VOLTAGE PUMP
EEPROM
MEMORY
MATRIX
1 ROW = 4 * 8 BITS
ADDRESS
DECODER
ADDRESS
BUS
DATA
BUS
E2ITE E2LAT E2PGM
EEPCR
.
.
.
.
.
.
32
32
8
8
4
4
12
INTERRUPT
REQUEST
FALLING
EDGE
DETECTOR
8 bit
Read amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com