Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 80Page - STMicroelectronics L9805 Datasheet HTML 81Page - STMicroelectronics L9805 Datasheet HTML 82Page - STMicroelectronics L9805 Datasheet HTML 83Page - STMicroelectronics L9805 Datasheet HTML 84Page - STMicroelectronics L9805 Datasheet HTML 85Page - STMicroelectronics L9805 Datasheet HTML 86Page - STMicroelectronics L9805 Datasheet HTML 87Page - STMicroelectronics L9805 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
84/103
L9805
Figure 45. EEPROM Programming Flowchart
5.9.3 Register Description
EEPROM CONTROL REGISTER (EECR)
Address: 002Ch - Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:3 = Reserved, forced by hardware to 0.
Bit 2 = E2ITE: Interrupt enable.
This bit is set and cleared by software.
0: Interrupt disabled
1: Interrupt enabled
When the programming cycle is finished (E2PGM
toggle from 1 to 0), an interrupt is generated only if
E2ITE is high. The interrupt is automatically
cleared when the micro-controller enters the EEP-
ROM interrupt routine.
Bit 1 = E2LAT: Read/Write mode.
This bit is set by software. It is cleared by hard-
ware at the end of the programming cycle. It can
be cleared by software only if E2PGM=0.
0: Read mode
1: Write mode
When E2LAT=1, if the E2PGM bit is low and the
micro-controller is in write mode, the 8 bit data bus
is stored in one of the four groups of 8 bit data
latches, selected by the address. This happens
every time the device executes an EEPROM Write
instruction. If E2PGM remains low, the content of
the 8 bit data latches is not transferred into the ma-
trix, because the High Voltage charge-pump does
not start. The 8 data latches are selected by the
lower part of the address (A<1:0> bits). If 4 con-
secutive write instructions are executed, by
sweeping from A<1:0>=0h to A<1:0>=3h, with the
E2LAT=1
E2PGM=0
(Write mode)
Write bytes in
EEPROM
E2LAT=1
E2PGM=1
(Start
programming
cycle)
Wait for end of
programming
(E2LAT=0
or interrupt)
Write 1 to 4 bytes in
the same row (with
the same 12 Most
Significant Bits of
the address)
E2LAT=0
E2PGM=0
(Read mode)
70
00
00
0
E2ITE
E2LAT
E2PGM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com