Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 92Page - STMicroelectronics L9805 Datasheet HTML 93Page - STMicroelectronics L9805 Datasheet HTML 94Page - STMicroelectronics L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics L9805 Datasheet HTML 98Page - STMicroelectronics L9805 Datasheet HTML 99Page - STMicroelectronics L9805 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
96/103
L9805
7.3 PACKAGE MECHANICAL DATA
HiQUAD-64
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.15
0.124
A1
0
0.25
0
0.010
A2
2.50
2.90
0.10
0.114
A3
0
0.10
0
0.004
b
0.22
0.38
0.008
0.015
c
0.23
0.32
0.009
0.012
D
17.00
17.40
0.669
0.685
D1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
D2
2.65
2.80
2.95
0.104
0.110
0.116
E
17.00
17.40
0.669
0.685
E1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
e
0.65
0.025
E2
2.35
2.65
0.092
0.104
E3
9.30
9.50
9.70
0.366
0.374
0.382
E4
13.30
13.50
13.70
0.523
0.531
0.539
F
0.10
0.004
G
0.12
0.005
L
0.80
1.10
0.031
0.043
N10
°(max.)
S
0°(min.), 7˚(max.)
(1): "D1" and "E1" do not include mold flash or protusions
- Mold flash or protusions shall not exceed 0.15mm(0.006inch) per side
c
A
A2
POQU64ME
E4 (slug lenght)
1
64
E1
Gauge Plane
0.35
L
slug
(bottom side)
COPLANARITY
G
e
b
A
N
⊕ F
AB
M
E3
21
33
53
B
E2
D1
D
E
BOTTOM VIEW
C
A3
C
SEATING PLANE
S
A1
E3
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com