Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 8Page - STMicroelectronics L9805 Datasheet HTML 9Page - STMicroelectronics L9805 Datasheet HTML 10Page - STMicroelectronics L9805 Datasheet HTML 11Page - STMicroelectronics L9805 Datasheet HTML 12Page - STMicroelectronics L9805 Datasheet HTML 13Page - STMicroelectronics L9805 Datasheet HTML 14Page - STMicroelectronics L9805 Datasheet HTML 15Page - STMicroelectronics L9805 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
12/103
L9805
2 CENTRAL PROCESSING UNIT
2.1 INTRODUCTION
The CPU has a full 8-bit architecture. Six internal
registers allow efficient 8-bit data manipulation.
The CPU is capable of executing 63 basic instruc-
tions and features 17 main addressing modes.
2.2 CPU REGISTERS
The 6 CPU registers are shown in the program-
ming model in Figure 2, on page 12. Following an
interrupt, all registers except Y are pushed onto
the stack in the order shown in Figure 3, on
page 13. They are popped from stack in the re-
verse order.
The Y register is not affected by these automatic
procedures. The interrupt routine must therefore
handle Y, if needed, through the PUSH and POP
instructions.
Accumulator (A). The Accumulator is an 8-bit
general purpose register used to hold operands
and the results of the arithmetic and logic calcula-
tions as well as data manipulations.
Index Registers (X and Y). These 8-bit registers
are used to create effective addresses or as tem-
porary storage areas for data manipulation. The
Cross-Assembler generates a PRECEDE instruc-
tion (PRE) to indicate that the following instruction
refers to the Y register.
Program Counter (PC). The program counter is a
16-bit register containing the address of the next
instruction to be executed by the CPU.
Figure 2. Organization of Internal CPU Registers
ACCUMULATOR:
X INDEX REGISTER:
Y INDEX REGISTER:
STACK POINTER:
CONDITION CODE REGISTER:
PROGRAM COUNTER:
X = Undefined
15
RESET VALUE:
70
XX
XXX XXX
RESET VALUE:
70
1X
11X 1X X
1C
1 1 HI
NZ
RESET VALUE = RESET VECTOR @ FFFEh-FFFFh
RESET VALUE:
70
XX
XXX XXX
RESET VALUE:
70
XX
XXXXXX
70
15
70
01
00 0000
RESET VALUE =0 0 0 0 0 0 0 1 0 1 1 1 1 1 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com