Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 74Page - STMicroelectronics L9805 Datasheet HTML 75Page - STMicroelectronics L9805 Datasheet HTML 76Page - STMicroelectronics L9805 Datasheet HTML 77Page - STMicroelectronics L9805 Datasheet HTML 78Page - STMicroelectronics L9805 Datasheet HTML 79Page - STMicroelectronics L9805 Datasheet HTML 80Page - STMicroelectronics L9805 Datasheet HTML 81Page - STMicroelectronics L9805 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 103 page
background image
78/103
L9805
safe condition is guaranteed in undervoltage con-
dition (LVD reset) and in case of main clock (Safe-
guard reset) or software (Watchdog reset) failures.
Each power DMOS has its own over current detec-
tor circuit generating SC_xx signals (see Figure
41). SC_xx signals are ORed together to generate
SC flag in BCSR register.
SC flag is then set by hardware as soon as one of
the two outputs (or both) are short to battery,
ground or if the two outputs are short together
(load short). This read only bit is reset only by
clearing the EN bit. The rising edge of SC causes
an interrupt request if the PIE bit is set in BCSR
register.
When the current monitored in any of the four
DMOS of the bridge exceeds limit threshold (ISC),
the SC bit is set and the corresponding DMOS is
switched off after tSCPI time. This function is domi-
nant over any write from data bus by software (i. e.
as long as SC is set, the bridge cannot be
switched on).
To switch the bridge on again the EN bit must be
cleared by software. This resets the SC bit. Setting
again EN, the bridge is switched on. If the overcur-
rent condition is still present, SC is set again (and
a interrupt is generated when enabled).
An internal thermal protection circuit monitors con-
tinuously the temperature of the device and drives
the OVT bit in BCSR register and, in turn, the OVT
signal in Figure 41.
The OVT flag is set as soon as the temperature of
the chip exceeds Thw and all the transistor of the
bridge are switched off. This rising edge causes an
interrupt request if the PIE bit is set. This read only
bit is reset only by clearing the EN bit. This func-
tion is dominant over any write from data bus by
software (i. e. as long as OVT is set the bridge
cannot be switched on).
To switch the bridge on again the EN bit must be
cleared by software. This resets the OVT bit. Set-
ting again EN, the bridge is switched on. If the
overtemperature condition is still present, OVT is
set again (and a interrupt is generated when ena-
bled).
5.8.4 Interrupt generation
Interrupt generation is controlled by PDIE bit in
BCSR register. When this bit is set Overtempera-
ture and Short-circuit conditions generate an inter-
rupt as described in Section 5.8.3.
Setting PDIE when SC and/or OVT flag are set,
immediately generates an interrupt request.
The interrupt request of the power bridge is
cleared when the EN bit is cleared by software.
5.8.5 Operating Modes
The status of the OUTL and OUTR power outputs
is controlled by IN1, IN2, EN, PWM_EN and DIR
bit in BCSR register, plus the PWM1 and PWM2
line, according to the Functional Description Table
(Table 12).
Note The functional description table (Table 12)
uses symbols UL,R (Up Left or Right) and DR,L
(Down Left or Right) to indicate the driving signal
of the four DMOS. Conventionally a transistor is in
the on status when its driving signal is set (‘1’)
while it is in off status when the driving signal is re-
set (‘0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com