Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 47Page - STMicroelectronics L9805 Datasheet HTML 48Page - STMicroelectronics L9805 Datasheet HTML 49Page - STMicroelectronics L9805 Datasheet HTML 50Page - STMicroelectronics L9805 Datasheet HTML 51Page - STMicroelectronics L9805 Datasheet HTML 52Page - STMicroelectronics L9805 Datasheet HTML 53Page - STMicroelectronics L9805 Datasheet HTML 54Page - STMicroelectronics L9805 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
51/103
L9805
5.3.3 Register Description
The PWM is associated with a 8-bit control regis-
ters, and with two 16-bit data registers, each split
in two 8-bit registers.
PWM CYCLE REGISTER LOW (CYREGL)
PWM1 Register Address: 0011h
PWM2 Register Address: 0019h
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of
the value to be multiplied by internal clock period.
PWM CYCLE REGISTER HIGH (CYREGH)
PWM1 Register Address: 0010h
PWM2 Register Address: 0018h
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the high part
of the value to be multiplied by internal clock peri-
od.
PWM
DUTYCYCLE
REGISTER
LOW
(DU-
TYREGL)
PWM1 Register Address: 0013h
PWM2 Register Address: 001Bh
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part
of the value corresponding to the binary weight of
the PWM pulse.
PWM
DUTYCYCLE
REGISTER
HIGH
(DU-
TYREGH)
PWM1 Register Address: 0012h
PWM2 Register Address: 001Ah
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the high part
of the value corresponding to the binary weight of
the PWM pulse
.
PWM CONTROL REGISTER (CONREG)
PWM1 Register Address: 0014h
PWM2 Register Address: 001Ch
Read/Write
Reset Value: 0000 0000 (00h)
Bit 0= EN _PWM: 1 = enables the PWM output, 0
= disables PWM output.
Bit 1= EN _INT: 1 = enables interrupt request, 0
disables interrupt request.
Bit 4, 3, 2= PS2,PS1,PS0: prescaler bits
The value of the PWM internal clock depends on
these bits.
Bit 5, 6, 7= not used.
70
MSB
LSB
70
MSB
LSB
70
MSB
LSB
70
MSB
LSB
7
4
32
10
0
0
0
PS2
PS1
PS0
EN_
INT
EN_
PWM
PS2
PS1
PS0
PWM
internal clock
00
0
fCPU
00
1
fCPU / 2
01
0
fCPU / 4
01
1
fCPU / 8
10
0
fCPU / 16
10
1
fCPU / 32
11
0
fCPU / 64
11
1
fCPU / 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com