Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 52Page - STMicroelectronics L9805 Datasheet HTML 53Page - STMicroelectronics L9805 Datasheet HTML 54Page - STMicroelectronics L9805 Datasheet HTML 55Page - STMicroelectronics L9805 Datasheet HTML 56Page - STMicroelectronics L9805 Datasheet HTML 57Page - STMicroelectronics L9805 Datasheet HTML 58Page - STMicroelectronics L9805 Datasheet HTML 59Page - STMicroelectronics L9805 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
56/103
L9805
5.5 10-BIT A/D CONVERTER (AD10)
5.5.1 Introduction
The Analog to Digital converter is a single 10-bit
successive approximation converter with 4 input
channels. Analog voltage from external sources
are input to the converter through AD2,AD3 and
AD4 pins. Channel 1 (AD1) is connected to the in-
ternal temperature sensor (see Section 5.5.5).
Note The anti aliasing filtering must be accom-
plished using an external RC filter. The internal
AD1 channel is filtered by an RC network with ap-
prox. 1us time constant.
5.5.2 Functional Description
The result of the conversion is stored in 2 regis-
ters: the Data Register High (ADCDRH) and the
Data Register Low (ADCDRL).
The A/D converter is enabled by setting the ADST
bit in ADCCSR Register. Bits CH1 and CH0 of AD-
CCSR Register select the channel to be convert-
ed. The high and low reference voltage are con-
nected to pins VCC and AGND.
When enabled, the A/D converter performs a com-
plete conversion in 14us (with system clock
fCPU=8Mhz). The total conversion time includes
multiplex, sampling of the input voltage, 10-bit
conversion and writing DRH and DRL registers.
When the conversion is completed COCO bit
(COnversion COmpleted) is set in ADCCSR.
A conversion starts from the moment ADST bit is
set. When a conversion is running it is possible to
write the ADCCSR without stopping the ADC oper-
ations, because all the data in ADCCSR are
latched when ADST is set. This property allows to
select a different channel to be processed during
the next conversion or to manage the interrupt en-
able bit. The new setting will have effect on the
next conversion (including interrupt generation)
At the end of the conversion ADST is reset and
COCO bit is set.
Note To start a new conversion the ADST must be
set after the completion of the current one. Any
writing to ADST when a conversion is running
(COCO=0) has no effect since ADST bit is auto-
matically reset by the end of conversion event.
Figure 32. Block diagram of the Analog to Digital Converter
CH0
CH1
ADST
logic
U
X
M
d
i
v
clk
8Mhz
2 Mhz
start conversion
.....
AD0
AD9
DRH
DRL
end conversion
WR
Vin
VCC
AGND
inputs
CSR
sampling
+
conversion
latch
ADIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com