Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 48Page - STMicroelectronics L9805 Datasheet HTML 49Page - STMicroelectronics L9805 Datasheet HTML 50Page - STMicroelectronics L9805 Datasheet HTML 51Page - STMicroelectronics L9805 Datasheet HTML 52Page - STMicroelectronics L9805 Datasheet HTML 53Page - STMicroelectronics L9805 Datasheet HTML 54Page - STMicroelectronics L9805 Datasheet HTML 55Page - STMicroelectronics L9805 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
52/103
L9805
PWM COUNTER REGISTER LOW (CTL)
PWM1 Register Address: 0016h
PWM2 Register Address: 001Eh
Read Only
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of
the PWM counter value.
PWM COUNTER REGISTER HIGH(CTH)
PWM1 Register Address: 0015h
PWM2 Register Address: 001Dh
Read Only
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the high part
of the PWM counter value.
70
MSB
LSB
70
MSB
LSB
Table 9. PWM Timing (fCPU = 8MHz)
Prescaler (PS)
Tinternal clock
CYREG @16 bit Resolution
PWM cycle @ fin=8MHz
0
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
0.125
µs..... ~8192 µs
1
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
0.25
µs....... ~16384 µs
2
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
0.5
µs......... ~32768 µs
3
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
1
µs............ 65535 µs
4
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
2
µs............ 131070 µs
5
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
4
µs............ 262140 µs
6
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
8
µs............ 524280 µs
7
1/f in * 2
ps
1/f in * 2
ps * 1.....1/f
in * 2
ps * 65535
16
µs.......... 1048560 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com