Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 99 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics L9805 Datasheet HTML 98Page - STMicroelectronics L9805 Datasheet HTML 99Page - STMicroelectronics L9805 Datasheet HTML 100Page - STMicroelectronics L9805 Datasheet HTML 101Page - STMicroelectronics L9805 Datasheet HTML 102Page - STMicroelectronics L9805 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 103 page
background image
99/103
L9805
Note: All voltage are referred to GND unless otherwise specified.
7.6 CONTROL TIMING
(Operating conditions T
j = -40 to +150°C, VB=12V unless otherwise specified)
VOL
Output Low Level Voltage
I=-5mA
-
-
1.0
V
“
I=-1.6mA
-
-
0.4
V
VOH
Output High Level Voltage
I=5mA
3.1
-
-
V
“
I=1.6mA
3.4
-
-
V
IL
Input Leakage Current
GND<VPIN<VDD
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=GND
40
-
250
K
Ω
Tohl
Output H-L Fall Time
Cl=50pF
-
30
-
ns
Tolh
Output L-H Rise Time
Cl=50pF
-
30
-
ns
STANDARD I/O PORT PINS
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max
fOSC
Oscillator Frequency
01)
Note 1. With Safeguard disabled, A/D operations and Oscillator start-up are not garanteed below 1Mhz
16
MHz
fCPU
Operating Frequency
02)
Note 2. With Safeguard disabled, A/D operations and Oscillator start-up are not garanteed below 1Mhz
8MHz
tRL
External RESET
Input pulse Width
1.5
tCPU
tPORL
Internal Power Reset Duration
4096
tCPU
TDOGL
Watchdog or Safeguard RESET
Output Pulse Width
500
ns
tDOG
Watchdog Time-out
fcpu = 8 MHz
12,288
1.54
786,432
98.3
tCPU
ms
tOXOV
Crystal Oscillator
Start-up Time
50
ms
tDDR
Power up rise time
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com