Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 75Page - STMicroelectronics L9805 Datasheet HTML 76Page - STMicroelectronics L9805 Datasheet HTML 77Page - STMicroelectronics L9805 Datasheet HTML 78Page - STMicroelectronics L9805 Datasheet HTML 79Page - STMicroelectronics L9805 Datasheet HTML 80Page - STMicroelectronics L9805 Datasheet HTML 81Page - STMicroelectronics L9805 Datasheet HTML 82Page - STMicroelectronics L9805 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
79/103
L9805
Table 12. Functional Description Table
Drive EN PWM_EN DIR
PWM1 IN1 IN2
UL
DL
UR
DR
Operation Configuration
0
X
X
X
X
X
0000
INHIBIT
1
0
X
X
0
0
0101
BRAKE
Full or
Two Half
Bridges
1
0
X
X
0
1
0110
BACK
Full or
Two Half
Bridges
1
0
X
X
1
0
1001
FORWARD
Full or
Two Half
Bridges
1
0
X
X
1
1
1010
BRAKE
Full or
Two Half
Bridges
1
1
0
0
0
0
1010
BRAKE
Full Bridge
1
1
0
1
0
0
1001
FORWARD
Full Bridge
1
1
1
0
0
0
1010
BRAKE
Full Bridge
1
1
1
1
0
0
0110
BACK
Full Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com