Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 54Page - STMicroelectronics L9805 Datasheet HTML 55Page - STMicroelectronics L9805 Datasheet HTML 56Page - STMicroelectronics L9805 Datasheet HTML 57Page - STMicroelectronics L9805 Datasheet HTML 58Page - STMicroelectronics L9805 Datasheet HTML 59Page - STMicroelectronics L9805 Datasheet HTML 60Page - STMicroelectronics L9805 Datasheet HTML 61Page - STMicroelectronics L9805 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
58/103
L9805
5.5.7 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Address: 0072h
—
Read/Write
Reset Value: 0010 0000 (20h)
Bit 7,6 = Reserved
Bit 5 =COCO (Read Only) Conversion Complete
COCO is set (by the ADC) as soon as a conver-
sion is completed (results can be read). COCO is
cleared by setting ADST=1 (start of new conver-
sion). If COCO=0 a conversion is running, if CO-
CO=1 no conversion is running.
Bit 4 = ADIE A/D Interrupt Enable
This bit is used to enable / disable the interrupt
function:
0: interrupt disabled
1: interrupt enabled
Bit 3= Reserved
Bit 2= ADST Start Conversion
When this bit is set a new conversion starts. ADST
is automatically reset when the conversion is com-
pleted (COCO=1).
Bits 1-0 = CH1-CH0 Channel Selection
These bits select the analog input to convert. See
Table 10 for reference.
Table 10. ADC Channel Selection Table
DATA REGISTER HIGH (ADCDRH)
Address: 0070h
—
Read Only
Reset Value: 00000 0000 (00h)
Bit 1:0 = AD9-AD8 Analog Converted Value
This register contains the high part of the convert-
ed analog value
DATA REGISTER LOW (ADCDRL)
Address: 0071h
—
Read Only
Reset Value: 00000 0000 (00h)
Bit 7:0 = AD7-AD0 Analog Converted Value
This register contains the low part of the converted
analog value
70
00
COCO
ADIE
0
ADST
CH1
CH0
CH1
CH0
Channel
0
0
AD1, Temperature Sensor
0
1
AD2, external input
1
0
AD3, external input
1
1
AD4, external input
70
0000
00
AD9
AD8
70
AD7AD6
AD5AD4
AD3AD2
AD1
AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com