Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 5 Page - STMicroelectronics

  L9805 Datasheet HTML 1Page - STMicroelectronics L9805 Datasheet HTML 2Page - STMicroelectronics L9805 Datasheet HTML 3Page - STMicroelectronics L9805 Datasheet HTML 4Page - STMicroelectronics L9805 Datasheet HTML 5Page - STMicroelectronics L9805 Datasheet HTML 6Page - STMicroelectronics L9805 Datasheet HTML 7Page - STMicroelectronics L9805 Datasheet HTML 8Page - STMicroelectronics L9805 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
5/103
L9805
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The L9805 is a Super Smart Power device suited
to drive resistive and inductive loads under soft-
ware control. It includes a ST7 microcontroller and
some pheripherals. The microcontroller can exe-
cute the software contained in the program
EPROM/ROM and drive, through dedicated regis-
ters, the power bridge.
The internal voltage regulators rated to the auto-
motive environment, PWM modules, CAN trans-
ceiver and controller, ISO 9141 transceiver, tim-
ers, temperature sensor and the AtoD converter
allow the device to realize by itself a complete ap-
plication, in line with the most common mechatron-
ic requirements.
1.2 OTP, ROM AND EPROM DEVICES
For development purposes the device is available
in plastic HiQuad package without window rating
in the OTP class.
Mass production is supported by means of ROM
devices.
Engineering samples could be assembled using
window packages. These are generally referenced
as “EPROM devices”.
EPROM devices are erased by exposure to high
intensity UV light admitted through the transparent
window. This exposure discharges the floating
gate to its initial state through induced photo cur-
rent.
It is recommended to keep the L9805 device out of
direct sunlight, since the UV content of sunlight
can be sufficient to cause functional failure. Ex-
tended exposure to room level fluorescent lighting
may also cause erasure.
An opaque coating (paint, tape, label, etc...)
should be placed over the package window if the
product is to be operated under these lighting con-
ditions. Covering the window also reduces IDD in
power-saving modes due to photo-diode leakage
currents.
An Ultraviolet source of wave length 2537 Å yield-
ing a total integrated dosage of 15 Watt-sec/cm
2 is
required to erase the EPROM. The device will be
erased in 40 to 45minutes if such a UV lamp with a
12mW/cm
2 power rating is placed 1 inch from the
device window without any interposed filters.
OTP and EPROM devices can be programmed by
a dedicated Eprom Programming Board and soft-
ware that are part of the development tool-set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com