Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 24Page - STMicroelectronics L9805 Datasheet HTML 25Page - STMicroelectronics L9805 Datasheet HTML 26Page - STMicroelectronics L9805 Datasheet HTML 27Page - STMicroelectronics L9805 Datasheet HTML 28Page - STMicroelectronics L9805 Datasheet HTML 29Page - STMicroelectronics L9805 Datasheet HTML 30Page - STMicroelectronics L9805 Datasheet HTML 31Page - STMicroelectronics L9805 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
28/103
L9805
5 ON-CHIP PERIPHERALS
5.1 I/O PORTS
5.1.1 Introduction
The internal I/O ports allow the transfer of data
through digital inputs and outputs, the interrupt
generation coming from an I/O and for specific
pins, the input/output of alternate signals for the
on-chip peripherals (TIMERS...).
Each pin can be programmed independently as
digital input (with or without interrupt generation)
or digital output.
5.1.2 Functional Description
Each I/O pin may be programmed independently
as a digital input or a digital output, using the cor-
responding register bits.
Each port pin of the I/O Ports can be individually
configured under software control as either input
or output.
Each bit of a Data Direction Register (DDR) corre-
sponds to an I/O pin of the associated port. This
corresponding bit must be set to configure its as-
sociated pin as output and must be cleared to con-
figure its associated pin as input. The Data Direc-
tion Registers can be read and written.
5.1.2.1 Input Mode
When DDR=0, the corresponding I/O is configured
in Input mode.
In this case, the output buffer is switched off, the
state of the I/O is readable through the Data Reg-
ister address, but the I/O state comes directly from
the Schmitt-Trigger output and not from the Data
Register output.
5.1.2.2 Interrupt function
When an I/O is configured in Input with Interrupt
generation mode (DDR=0 and OR=1), a low level
or any transition on this I/O (according to the Mis-
cellaneous register configuration - see Section
3.4, “b3, b4 External Interrupt Option”) will gener-
ate an Interrupt request to the CPU.
Each pin can independently generate an Interrupt
request. When at least one of the interrupt inputs
is tied low, the port’s common interrupt will activate
a CPU interrupt input according to the external in-
terrupt option in the Miscellaneous Register.
5.1.2.3 Output Mode
When DDR=1, the corresponding I/O is configured
in Output mode. In this mode, the interrupt function
is disabled.
The output buffers can be individually configured
as Open Drain or Push-Pull by means of the Op-
tion Register.
The output buffer is activated according to the
Data Register’s content.
A read operation is directly performed from the
Data Register output.
5.1.2.4 Alternate function
A signal coming from a on-chip peripheral can be
output on the I/O.
In this case, the I/O is automatically configured in
output mode (without pull-up).
This must be controlled directly by the peripheral
with a signal coming from the peripheral which en-
ables the alternate signal to be output.
The I/O’s state is readable as in normal mode by
addressing the corresponding I/O Data Register.
A signal coming from an I/O can be input in a on-
chip peripheral.
Before using an I/O as Alternate Input, it must be
configured in Input without interrupt mode (DDR=0
and OR=0). So, both Alternate Input configuration
(with or without pull-up) and I/O input configuration
(with or without pull-up) are the same.
The signal to be input in the peripheral is taken af-
ter the Schmitt-trigger. The I/O’s state is readable
as in normal mode by addressing the correspond-
ing I/O Data Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com