Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9805
Description  Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9805 Datasheet HTML 95Page - STMicroelectronics L9805 Datasheet HTML 96Page - STMicroelectronics L9805 Datasheet HTML 97Page - STMicroelectronics L9805 Datasheet HTML 98Page - STMicroelectronics L9805 Datasheet HTML 99Page - STMicroelectronics L9805 Datasheet HTML 100Page - STMicroelectronics L9805 Datasheet HTML 101Page - STMicroelectronics L9805 Datasheet HTML 102Page - STMicroelectronics L9805 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
101/103
L9805
IIO
Input Current
VB = 12V
0
25
µA
IPSC
Short circuit current
30
60
100
mA
PWM INPUT
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VTL
Input state low
VB=VBR
-1
0.45*VB
V
VTH
Input state high
VB=VBR
0.55VB
VB
V
VH
Hysteresis
VB=VBR
0.025*VB
0.8
V
III
Input Current
VB = 12V
0.5
8
µA
OSCILLATOR SAFEGUARD
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
flow
reset low frequency
0.6
1.1
1.7
MHz
fhigh
reset high frequency
17
24
31
MHz
CAN TRANSCEIVER
Rl = 60 Ohm, see note 1, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VCANHL_R
Recessive State CAN_H, CAN_L
Output Voltage
TX=High Level
VDD = 5V
ICANH = ICANL = 0
2.0
2.5
3.0
V
VDIFF_R
Recessive State Differential Output
Voltage
(VDIFF = VCANH - VCANL)
TX=High Level
ICANH = ICANL = 0
-500
0
50
mV
VCANH_D
Dominant State CAN_H Output
Voltage
TX = Low Level; VDD =
5V
2.75
3.5
4.5
V
VCANL_D
Dominant State CAN_L Output
Voltage
TX = Low Level; VDD =
5V
0.5
1.5
2.25
V
VDIFF_D
Dominant State Differential Output
Voltage
(VDIFF = VCANH - VCANL)
TX = Low Level; VDD =
5V
1.5
2.0
3.0
V
ISC
CAN_H, CAN_L Short Circuit
Threshold Current
90
200
mA
VREC
Differential Input Voltage for Re-
cessive State
(VDIFF = VCANH - VCANL)
VCANL = -2V; TX = High
Level
VCANH = 6.5V: TX = High
Level
500
mV
VDOM
Differential Input Voltage for Domi-
nant State
(VDIFF = VCANH - VCANL)
VCANL = -2V; TX = High
Level
VCANH = 6.1V: TX = High
Level
900
mV
VDIFF_HYS
Differential Input Voltage Hystere-
sis
150
mV
tTD
Delay Time from TX to VDIFF =
VCANH - VCANL
50
ns
PWM OUTPUT
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com