Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9850 Datasheet (PDF) - Analog Devices

MAX9850 Datasheet PDF - Analog Devices
Part # MAX9850
Download  MAX9850 Download
File Size   3651.56 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Audio DAC with DirectDrive Headphone Amplifier

MAX9850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9850 Datasheet PDF - Analog Devices

Part # MAX9850
Download  MAX9850 Click to download

File Size   3651.56 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Audio DAC with DirectDrive Headphone Amplifier

MAX9850 Datasheet (HTML) - Analog Devices


MAX9850 Product details

Features
●● 1.8V to 3.6V Single-Supply Operation
●● 30mW Stereo Headphone Output Power with
1.8V Supply
●● DirectDrive Outputs Eliminate DC-Blocking
Capacitors
●● 91dB PSRR at 1kHz
●● Any Master Clock Up to 40MHz
●● Flexible I2S-Compatible Digital Audio Interface
●● I2C Headphone Volume and Mute Control
●● Stereo Line Inputs and Outputs
●● Clickless/Popless Operation
●● 2-Wire (I2C)-Compatible Control Interface
●● Available in 28-Pin Thin QFN Package




Similar Part No. - MAX9850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850 Datasheet
916Kb / 23P
On-Board 12MHz Crystal Oscillator
Rev 3; 3/09
MAX9850 MAXIM-MAX9850 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX98500 MAXIM-MAX98500 Datasheet
1Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
19-5189; Rev 0; 5/10
MAX98500 MAXIM-MAX98500 Datasheet
605Kb / 6P
MAX98500 Evaluation Kit
19-5221; Rev 0; 5/10
More results


Similar Description - MAX9850

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com