Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8095LED Datasheet (PDF) - pro-elec

HT8095LED Datasheet PDF - pro-elec
Part # HT8095LED
Download  HT8095LED Download
File Size   196.08 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description LAMP MAGNIFIER 90 LEDS, 4.25" LENS, UK PLUG

HT8095LED Datasheet (PDF)

Go To PDF Page Download Datasheet
HT8095LED Datasheet PDF - pro-elec

Part # HT8095LED
Download  HT8095LED Click to download

File Size   196.08 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description LAMP MAGNIFIER 90 LEDS, 4.25" LENS, UK PLUG

HT8095LED Datasheet (HTML) - pro-elec


HT8095LED Product details

Features:
• Compact, stylish magnifier lamp with table base
• 90 White LED lights
• Adjustable head allows for the lamp to be moved to suit your position
• 3 Diopter + 12 Diopter
• On / Off switch

Description
Magnifier, Lamp, 90 LED, 4.25" Lens, UK




Similar Part No. - HT8095LED

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT801/DF59-22P HIROSE-HT801/DF59-22P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2224P HIROSE-HT801/DF59M-2224P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2628P HIROSE-HT801/DF59M-2628P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
224Kb / 6P
3.96mm pitch compact waterproof connectors for internal power supplies
More results


Similar Description - HT8095LED

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1617D GILWAY-155-1617D Datasheet
105Kb / 1P
L102 lens-end lamp
logo
Seoul Semiconductor
LB580A SEOUL-LB580A Datasheet
398Kb / 12P
Lamp LEDs
LR580A SEOUL-LR580A Datasheet
268Kb / 12P
Lamp LEDs
LT580A SEOUL-LT580A Datasheet
413Kb / 12P
Lamp LEDs
LW330A SEOUL-LW330A_1 Datasheet
393Kb / 14P
Lamp LEDs
LW500AM SEOUL-LW500AM Datasheet
593Kb / 17P
Lamp LEDs
LY521 SEOUL-LY521 Datasheet
473Kb / 12P
Lamp LEDs
LY580A SEOUL-LY580A Datasheet
394Kb / 12P
Lamp LEDs
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
Surface mount Lens LEDs
logo
SparkFun Electronics
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com