Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8095LED Datasheet(PDF) 1 Page - pro-elec

Part # HT8095LED
Description  LAMP MAGNIFIER 90 LEDS, 4.25" LENS, UK PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

HT8095LED Datasheet(HTML) 1 Page - pro-elec

  HT8095LED Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
30/05/12
LAMP MAGNIFIER
90 LEDS, 4.25
" LENS, UK PLUG
Features:
•  Compact, stylish magnifier lamp with table base
•  90 White LED lights
•   Adjustable head allows for the lamp to be moved to suit your 
position
•  3 Diopter + 12 Diopter
•  On / Off switch
Specifications:
Lens size 
: 4.25" × 6.85”
Colour 
: White
Supply voltage  : 220V AC to 240V AC
Part Number Table
Description
Part Number
Magnifier, Lamp, 90 LED, 4.25" Lens, UK
HT8095LED
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted 
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any 
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any  
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the 
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. 
pro - ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - HT8095LED

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT801/DF59-22P HIROSE-HT801/DF59-22P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2224P HIROSE-HT801/DF59M-2224P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT801/DF59M-2628P HIROSE-HT801/DF59M-2628P Datasheet
776Kb / 12P
2mm Pitch, Multi Functional Connector System
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
224Kb / 6P
3.96mm pitch compact waterproof connectors for internal power supplies
More results

Similar Description - HT8095LED

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1617D GILWAY-155-1617D Datasheet
105Kb / 1P
L102 lens-end lamp
logo
Seoul Semiconductor
LB580A SEOUL-LB580A Datasheet
398Kb / 12P
Lamp LEDs
LR580A SEOUL-LR580A Datasheet
268Kb / 12P
Lamp LEDs
LT580A SEOUL-LT580A Datasheet
413Kb / 12P
Lamp LEDs
LW330A SEOUL-LW330A_1 Datasheet
393Kb / 14P
Lamp LEDs
LW500AM SEOUL-LW500AM Datasheet
593Kb / 17P
Lamp LEDs
LY521 SEOUL-LY521 Datasheet
473Kb / 12P
Lamp LEDs
LY580A SEOUL-LY580A Datasheet
394Kb / 12P
Lamp LEDs
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
Surface mount Lens LEDs
logo
SparkFun Electronics
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com